Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 186 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 186 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 182Page - Renesas Technology Corp 7220 Datasheet HTML 183Page - Renesas Technology Corp 7220 Datasheet HTML 184Page - Renesas Technology Corp 7220 Datasheet HTML 185Page - Renesas Technology Corp 7220 Datasheet HTML 186Page - Renesas Technology Corp 7220 Datasheet HTML 187Page - Renesas Technology Corp 7220 Datasheet HTML 188Page - Renesas Technology Corp 7220 Datasheet HTML 189Page - Renesas Technology Corp 7220 Datasheet HTML 190Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 303 page
background image
APPLICATION
5.2 Notes on programming for OSD (M37220M3-XXXSP/FP)
7220 Group User’s Manual
5-13
5.2 Notes on programming for OSD (M37220M3-XXXSP/FP)
The emulator MCU M37221ERSS is used for programming development with the M37220M3-XXXSP/FP.
However, the functions of the M37221ERSS are compatible with those of the M37221Mx-XXXSP/FP, and
therefore has some functions which the M37220M3-XXXSP/FP does not have. Note the following differences
when programming using the M37220M3-XXXSP/FP.
5.2.1 Setting of color registers
The color registers of M37220M3-XXXSP/FP are different from those of M37221ERSS (refer to “Figures
5.2.1 and 5.2.2”). Character background colors can be output when programming with the M37221ERSS,
but not with the M37220M3-XXXSP/FP mask version. This character background color program does not
operate on the M37220M3-XXXSP/FP and therefore, it cannot output character background colors (except
character background colors by OUT signal; bit 5).
Fig. 5.2.1 Color register n (M37221ERSS)
b7 b6 b5 b4 b3 b2 b1 b0
Color register n (CO0 to CO3) (n = 0 to 3) [Addresses 00E6 16 to 00E916]
B
Name
Functions
After reset R W
Color Register n
0
0
1
B signal output
selection bit (COn1)
0 : No character is output
1 : Character is output
0
2
G signal output
selection bit (COn2)
0 : No character is output
1 : Character is output
0
3
R signal output
selection bit (COn3)
0 : No character is output
1 : Character is output
0
4
B signal output (background)
selection bit (COn4)
0 : No background color is output
1 : Background color is output
0
5
OUT1 signal output
control bit (COn5)
0 : Character is output
1 : Blank is output
0
6
G signal output (background)
selection bit (COn6)
0 : No background color is output
1 : Background color is output
0
7
R signal output (background)
selection bit (COn7)
0 : No background color is output
1 : Background color is output
0
Nothing is assigned. This bit is a write disable bit.
When this bit is read out, the value is “0.”
(See note 1)
(See notes 1, 2)
(See note 2)
Notes 1: When bit 5 = “0” and bit 4 = “1,” there is output same as a character or border output
from the OUT1 pin.
Do not set bit 5 = “0” and bit 4 = “0.”
2: When only bit 7 = “1” and bit 5 = “0,” there is output from the OUT2 pin.
R—
RW
RW
RW
RW
RW
RW
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com