Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 182 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 182 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 178Page - Renesas Technology Corp 7220 Datasheet HTML 179Page - Renesas Technology Corp 7220 Datasheet HTML 180Page - Renesas Technology Corp 7220 Datasheet HTML 181Page - Renesas Technology Corp 7220 Datasheet HTML 182Page - Renesas Technology Corp 7220 Datasheet HTML 183Page - Renesas Technology Corp 7220 Datasheet HTML 184Page - Renesas Technology Corp 7220 Datasheet HTML 185Page - Renesas Technology Corp 7220 Datasheet HTML 186Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 303 page
background image
APPLICATION
5.1 Example of multi-line display
5-9
7220 Group User’s Manual
5.1.7 Set of multiple interrupts
(1)
When not setting multiple interrupts
When two or more interrupt requests occur at the same sampling point, the interrupt with the higher
priority (refer to “2.5 Interrupts, Table 2.5.1”) is received. This priority level is determined by
hardware but various priority processing by software can be executed using the interrupt enable bit
and each interrupt disable flag (I).
Assume, for example, that all interrupts (CRT, VSYNC, Timer 1) are enabled. When the multiple
interrupt is not set, these interrupt request bits are set to “1” and the interrupts are determined by
hardware as follows:
ŒCRT interrupt
VSYNC interrupt
ŽTimer 1 interrupt
Figure 5.1.8 shows the timing of interrupt processing when not setting multiple interrupts.
The I flag is set to “1” (all interrupts are disabled) automatically by hardware as soon as the interrupt
processing starts. Unless the I flag is cleared to “0,” other interrupt will not occur during the interrupt
processing.
Fig. 5.1.8 Timing of interrupt processing when not setting multiple interrupts
CRT interrupt request bit
VSYNC interrupt request bit
Timer 1 interrupt request bit
CRT interrupt processing
VSYNC interrupt processing
Timer 1 interrupt processing
Interrupt disable flag (I)
1
0
1
0
1
0
1
2
3
3’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com