Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 178 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 178 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 174Page - Renesas Technology Corp 7220 Datasheet HTML 175Page - Renesas Technology Corp 7220 Datasheet HTML 176Page - Renesas Technology Corp 7220 Datasheet HTML 177Page - Renesas Technology Corp 7220 Datasheet HTML 178Page - Renesas Technology Corp 7220 Datasheet HTML 179Page - Renesas Technology Corp 7220 Datasheet HTML 180Page - Renesas Technology Corp 7220 Datasheet HTML 181Page - Renesas Technology Corp 7220 Datasheet HTML 182Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 303 page
background image
APPLICATION
5.1 Example of multi-line display
5-5
7220 Group User’s Manual
(3)
CRT interrupt processing routine
The CRT interrupt processing routine executes the display character data setup routine for each line,
in order to perform multi-line display. The line to be displayed is determined by the line counter value.
Fig. 5.1.5 Flowchart of CRT interrupt processing routine
CRT interrupt processing routine
← Specify jump destination by
Line counter value
RETURN
Line counter +1
Line counter =12
Line counter
← “0”
Save the value of Line counter
in internal RAM
Pop registers X, Y, A
I
ICON1
ICON2
=12
≠12
←“0”
←“0”
←ICON1
←ICON2
←“001000012”
←“000000002”
←“0”
T
D
CRT_ICON1
CRT_ICON2
ICON1 (address 00FE 16)
ICON2 (address 00FF 16)
I
Push registers X, Y, A
ICON1, ICON2:
CS :
HR :
Line counter :
CV1,CV2 :
CRT_ICON1, CRT_ICON2 :
A :
X :
Y :
T :
D :
Interrupt control registers 1, 2
Character size register
Horizontal position register
Counter RAM for line counting
Vertical position registers 1, 2
Back up RAM for interrupt control
registers 1, 2 during CRT interrupt
Accumulator
Index register X
Index register Y
X modified operation mode flag
Decimal operation mode flag
←Disable all interrupts
Note: The multiple interrupt priority of
SYNC
> CRT
←“1”
←CRT_ICON1
←CRT_ICON2
←Pop ICON 1 and 2 contents during
interrupt (Refer to “5.1.7 (2)”)
← Enable Timer 1 interrupt and
VSYNC interrupt
Line counter = 0
= 1
Set CS, HR
Block 1 display RAM
←
Display character of block 1 (the 1st line)
Character color of block 1 (the 1st line)
CV1
← Vertical display start position
of the 1st line (block 1)
Set CS, HR
Block 2 display RAM
←
Display character of block 2 (the 2nd line)
Character color of block 2 (the 2nd line)
= 11
Set CS, HR
Block 2 display RAM
←
Display character of block 2 (the 12th line)
Character color of block 2 (the 12th line)
CV2
← Vertical display start position
of the 2nd line (block 2)
CV2
← Vertical display start position
of the 12th line (block 2)
CRT
this system is as below.
Timer 1 > V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com