Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 175 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 175 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 171Page - Renesas Technology Corp 7220 Datasheet HTML 172Page - Renesas Technology Corp 7220 Datasheet HTML 173Page - Renesas Technology Corp 7220 Datasheet HTML 174Page - Renesas Technology Corp 7220 Datasheet HTML 175Page - Renesas Technology Corp 7220 Datasheet HTML 176Page - Renesas Technology Corp 7220 Datasheet HTML 177Page - Renesas Technology Corp 7220 Datasheet HTML 178Page - Renesas Technology Corp 7220 Datasheet HTML 179Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 303 page
background image
APPLICATION
5.1 Example of multi-line display
7220 Group User’s Manual
5-2
Fig. 5.1.2 Display example
5.1 Example of multi-line display
The M37221Mx-XXXSP/FP is used as a general example in describing this application for the 7220 group.
The M377221Mx-XXXSP/FP ordinarily displays 2 lines on a CRT screen by displaying 2 blocks at different
vertical positions. In addition to this, it can display 3 lines or more (multi-line display) by rewriting both
character data and display positions during interrupt processing, using CRT interrupts. An example of the
software processing for implemention this multi-line display is described below. This example is 12-line
multi-line display using blocks 1 and 2.
For CRT display details, refer to “2.11 CRT display function.”
5.1.1 Specifications
qPins required: R, G, B, OUT1, HSYNC, and VSYNC
qHSYNC/VSYNC input polarity: positive polarity input
qR/G/B/OUT1 output polarity: positive polarity output
qCharacter colors: red, blue, white, and cyan
qNo character background color
qBordering (OUT) is available
qCharacter size: minimum size
q12-line display
5.1.2 Connection example
Fig. 5.1.1 Connection example
P52/R
P53/G
P54/B
P55/OUT1
HSYNC
VSYNC
M37221Mx-XXXSP/FP
Monitor
Color TV signal processor
C A L E N D A R
Sun.
3
1 0
1 7
2 4
3 1
Mon.
4
1 1
1 8
2 5
Tues.
5
1 2
1 9
2 6
Wed.
6
1 3
2 0
2 7
Thur.
7
1 4
2 1
2 8
Fri.
1
8
1 5
2 2
2 9
Sat.
2
9
1 6
2 3
3 0
←The 1st line
← The 2nd line
← The 3rd line
← The 4th line
← The 5th line
← The 6th line
← The 7th line
← The 8th line
← The 9th line
← The 10th line
← The 11th line
← The 12th line
Block 1
Block 2
Block 1
Block 2
Block 1
Block 2
Block 1
Block 2
Block 1
Block 2
Block 1
Block 2
Blue (B)
Red (R)
Cyan
(R+G)
White (R+G+B)
J A N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com