Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 176 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 176 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 172Page - Renesas Technology Corp 7220 Datasheet HTML 173Page - Renesas Technology Corp 7220 Datasheet HTML 174Page - Renesas Technology Corp 7220 Datasheet HTML 175Page - Renesas Technology Corp 7220 Datasheet HTML 176Page - Renesas Technology Corp 7220 Datasheet HTML 177Page - Renesas Technology Corp 7220 Datasheet HTML 178Page - Renesas Technology Corp 7220 Datasheet HTML 179Page - Renesas Technology Corp 7220 Datasheet HTML 180Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 303 page
background image
APPLICATION
5.1 Example of multi-line display
5-3
7220 Group User’s Manual
5.1.3 General flowchart
The multi-line display processing routine consists of initialization processing routine, VSYNC interrupt processing
routine, and CRT interrupt processing routine.
(1)
Initialization processing routine
This routine is used to initialize to cause a CRT interrupt.
Fig. 5.1.3 Flowchart of initialization processing routine
CS (address 00E4 16)
MD (address 00E5 16)
HR (address 00E0 16)
CK (address 00ED 16)
Multi-line display start
END
CV2 (address 00E2 16)
←
Vertical display start position of the 12th line (block 2)
Line counter
F_VSYNC
Block 1 display RAM
←
Display character (blank) of block 1 (addresses 0600 16 to 061716)
Character color (no output) of block 1 (addresses 0680 16 to 069716)
Enable CRT interrupt in synchronized
with the next V SYNC
Character size : minimum size
Border output
Set a horizontal display start position
Set display clock
Disable only CRT interrupt
All blocks display off
Select R/G/B/OUT1
HSYNC/VSYNC input polarity : positive polarity input
R/G/B/OUT1 output polarity : positive polarity output
Color register 0 : red
Color register 1 : blue
Color register 2 : white
Color register 3 : cyan
←“000000002”
←“000001012”
←“XXXXXXXX2”
←“000000102”
Counter RAM for line counting
Vertical position registers 1, 2
Port P5 direction register
CRT port control register
CRT control register
Color registers 0 to 3
VSYNC flag
Border selection register
CRT clock selection register
Line counter :
CV1, CV2 :
P5D :
CRTP :
CC :
CO0 to CO3 :
F_VSYNC :
MD :
CK :
Initialization
←“0”
←“000000002”
←“000000002”
←“000000002”
←“000010002” (red)
←“000000102” (blue)
←“000011102” (white)
←“000001102” (cyan)
CRTE (bit4 at address 00FE 16)
CC (address 00EA 16)
P5D (address 00CB 16)
CRTP (address 00EC 16)
CO0 (address 00E6 16)
CO1 (address 00E7 16)
CO2 (address 00E8 16)
CO3 (address 00E9 16)
Block 2 display RAM
←
Display character (blank) of block 2 (addresses 0620 16 to 063716)
Character color (no output) of block 2 (addresses 06A0 16 to 06B716)
CV1 (address 00E1 16)
←
Vertical display start position of the 11th line (block 1)
←“0”
←“1”
Bit 4 of interrupt control register 1
<CRT interrupt enable bit>
Bit 4 of interrupt request register 1
<CRT interrupt request bit>
Character size register
Horizontal position register
CRTE :
CRTR :
CS :
HR :
Note: This routine is not interrupt
processing routine.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com