Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 181 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 181 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 177Page - Renesas Technology Corp 7220 Datasheet HTML 178Page - Renesas Technology Corp 7220 Datasheet HTML 179Page - Renesas Technology Corp 7220 Datasheet HTML 180Page - Renesas Technology Corp 7220 Datasheet HTML 181Page - Renesas Technology Corp 7220 Datasheet HTML 182Page - Renesas Technology Corp 7220 Datasheet HTML 183Page - Renesas Technology Corp 7220 Datasheet HTML 184Page - Renesas Technology Corp 7220 Datasheet HTML 185Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 303 page
background image
APPLICATION
5.1 Example of multi-line display
7220 Group User’s Manual
5-8
5.1.6 Processing time
When setting display data by a CRT interrupt, the processing time is limited.
As shown in Figure 5.1.7, a CRT interrupt occurs at the end of the first line (block 1) display and setting
for the 3rd line display is started. This setting must be completed before a scanning line reaches to the
3rd line display position. If the setting is not completed, display characters flicker or rewriting is looked.
And also, for multi-line display of 12 lines, be sure that CRT interrupts occur 12 times from a VSYNC to the
next VSYNC. If CRT interrupts do not occur as many times as the number of display lines, the following
causes can be assumed.
• Display position overlaps.
• CRT interrupt processing time is too long, resulting in no display of that line (2 lines after the line being
displayed).
For example, a CRT interrupt occurs at the end of the second line display in Figure 5.1.7. Within this
interrupt processing, setting for the 4th line display is completed. However, if a scanning line is over the
display position of the 4th line (that is, A in Figure 5.1.7) during this setting, one CRT interrupt request is
deleted (or does not occur). Therefore, the line counter value is disordered and multi-line display is not
displayed correctly. In such cases, due to whatever causes, correct the value with processing C of VSYNC
interrupt processing (refer to “Figure 5.1.4”). When the CRT interrupt software processing overtime causes
this state, change the display positions or shorten the CRT interrupt software processing time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com