Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 197 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 197 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 193Page - Renesas Technology Corp 7220 Datasheet HTML 194Page - Renesas Technology Corp 7220 Datasheet HTML 195Page - Renesas Technology Corp 7220 Datasheet HTML 196Page - Renesas Technology Corp 7220 Datasheet HTML 197Page - Renesas Technology Corp 7220 Datasheet HTML 198Page - Renesas Technology Corp 7220 Datasheet HTML 199Page - Renesas Technology Corp 7220 Datasheet HTML 200Page - Renesas Technology Corp 7220 Datasheet HTML 201Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 303 page
background image
APPLICATION
5.4 Example of I2C-BUS interface control (M37221Mx-XXXSP/FP)
7220 Group User’s Manual
5-24
(2)
Read processing routine
Fig. 5.4.5 Flowchart of read processing routine
S
Slave address
(W) “A016”
A
C
K
Sub-address
A
C
K
Data
A
C
K
P
Œ
Ž


R
S
Slave address
(R) “A116”
‘
’
Read start
S1 (address 00D9 16)
←“001000002”
(A)
←Slave address (R) “A1 16”
(A)
←Slave address (W) “A0 16”
Transmit the START condition, slave
address (W) , and sub-address.
Immediately before
the last receive byte?
Input start
(Set dummy data to
generate clock.)
End of reception of
the last receive byte
Preparation for judging of timeout.
Store recive data to internal RAM
Data output
Timeout ? (See note 2)
End
PIN (bit 4 at address 00D9 16)
≠“1”?
Data output
Yes
No
Yes
No
Waiting receive end
Yes (end)
No (not end)
Yes
No
Set to receive mode
Set ACK return mode.
‘

ŒŽ
After data is received, no
acknowledge bits are
generated, but the STOP
condition is sent by the
master, completing this
read operation.
Set to non-ACK return mode.
Initialization
S2 (address 00DB 16)
S1D (address 00DA 16)
S1 (address 00D9 16)
IICE (bit6 at address 00FE 16)
←“110001012”
←“010010002”
←“0”
←“000100002”
Disable multi-master I 2C-BUS interface.
Setting for outputting the START condition
in data output processing routine.
TRX (bit 6 at address 00D9 16)
ACK BIT (bit 6 at address 00DB 16)
←“0”
←“0”
ACK BIT (bit 6 at address 00DB 16)
←“1”
S0 (address 00D7 16)
←“FF16”
I
S1 (address 00F8 16)
S1 (address 00F8 16)
I
←“1”
←“110000002”
←“110100002”
←“0”
’Transmit the STOP condition.
Note 1: Be sure to set between S1
and S1 within 10 machine cycles.
Transmit the RESTART condtion and
slave address (R).
A
C
K
Note 2: The timeout count is performed by software with interrupts, such as timers. Accordingly, if receive
2
2C-BUS access is stopped by timeout, the obtained data is incorrect data.
A:
S0:
S1:
S2:
S1D:
IICE:
BB:
TRX:
ACK BIT:
PIN:
RS:
Accumulator
I2C data shift register
I2C status register
I2C clock control register
I2C control register
Multi-master I 2C interface
interrupt enable bit
Bus busy flag
Communication mode
specification bit
ACK bit
I2C-BUS interface interrupt
request bit
Restart condition
Within 10
machine
cycles
operation does not complete within a certain time, I C-BUS access is stopped by outputting STOP
operation is not completed due to various influences, the loop continues. Therefore, if receive
condition. If I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com