Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 201 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 201 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 197Page - Renesas Technology Corp 7220 Datasheet HTML 198Page - Renesas Technology Corp 7220 Datasheet HTML 199Page - Renesas Technology Corp 7220 Datasheet HTML 200Page - Renesas Technology Corp 7220 Datasheet HTML 201Page - Renesas Technology Corp 7220 Datasheet HTML 202Page - Renesas Technology Corp 7220 Datasheet HTML 203Page - Renesas Technology Corp 7220 Datasheet HTML 204Page - Renesas Technology Corp 7220 Datasheet HTML 205Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 303 page
background image
5-28
APPLICATION
5.5 Example of I2C-BUS control by software (M37220M3-XXXSP/FP)
7220 Group User’s Manual
5.5.4 General flowchart
(1)
Write processing routine
The processing routine which controls I2C-BUS devices branch to the write processing routine and
the read processing routine. The START condition, the STOP condition and the data output processing
routine are used as the common processing routine.
Fig. 5.5.4 Flowchart of write processing routine
Write start
“WRITEDATA”
←Slave address (W) “BA 16”
“F_ACK” = “0”?
Data output
Data output
Yes (ACK)
Ž

RAM:
Flag:
WRITEDATA
NO ACK COUNTER
WRITE DATA COUNTER
F_ACK
S
Slave address
(W) “BA16”
A
C
K
Sub-address
A
C
K
Data
A
C
K
P
Œ
Ž


“WRITE DATA COUNTER”
“NO ACK COUNTER” = “0”
START condition
“WRITEDATA”
←Sub-address
“F_ACK” = “0”?
Yes (ACK)
No (no ACK)
No (no ACK)
“WRITE DATA
COUNTER” = “0”?
Yes (end)
No (not yet)
Œ
“NO ACK COUNTER”
←“NO ACK COUNTER” + 1
End

STOP condition
Bus H
Data output

“WRITEDATA”
←Write data
“WRITE DATA COUNTER”
←“WRITE DATA COUNTER” – 1
STOP condition
“NO ACK COUNTER”
≥ “3”?
Yes (give up)
No (try 3 times)
= “1” (number of write bytes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com