Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 207 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 207 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 203Page - Renesas Technology Corp 7220 Datasheet HTML 204Page - Renesas Technology Corp 7220 Datasheet HTML 205Page - Renesas Technology Corp 7220 Datasheet HTML 206Page - Renesas Technology Corp 7220 Datasheet HTML 207Page - Renesas Technology Corp 7220 Datasheet HTML 208Page - Renesas Technology Corp 7220 Datasheet HTML 209Page - Renesas Technology Corp 7220 Datasheet HTML 210Page - Renesas Technology Corp 7220 Datasheet HTML 211Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 303 page
background image
5-34
APPLICATION
5.5 Example of I2C-BUS control by software (M37220M3-XXXSP/FP)
7220 Group User’s Manual
5.5.5 Data setting according to key processing
Examples of the M52340SP settings, corresponding to each actual TV set key input, are described below.
(1)
“Power ON/OFF key” input
When power supply is supplied to the
M52340SP by this input, the data is set to all
registers (at sub-addresses “0016” to “1316”).
(2)
“Tuning and search-related keys” (CH
UP/DOWN key, CH direct selection key) input
When tuning, the color system data (refer to
“Table 5.5.10”) is set according to the
determination result of the color system by
the status data register (refer to “Table 5.5.1”).
Also, the corresponding data is set when the
color system search-related keys are input.
However, note that the above-mentioned setting
is valid only when setting AUTO (bit 5 at sub-
address 0616, write data) to “0.” When setting
to “1,” the data is automatically set inside the
M52340SP.
When tuning, the data is set as shown in Table
5.5.1.
(3)
“Volume UP/DOWN key” input
When the volume up/down key is input, the
data is set as shown in Table 5.5.2.
(4)
“Screen-size-related keys” input
When the screen-related keys are input on
TVs with various screen sizes (wide aspect
TV, etc.), the screen size data and position
data is set as shown in Table 5.5.3. Also, the
data of each frequency (50 Hz or 60 Hz) is
occasionally held.
(5)
“Picture data control key” and “Picture
memory switching key” input
When changing picture data, the data is set
to the corresponding write data register as
shown in Table 5.5.4.
Table 5.5.1 Data setting at tuning and searching
Sub-address
0216
0616
Bit
D5
D4
D1
D0, D1
Data
TRAP
DBF
DFA
DL TIME
Sub-address
0316
Bit
D0 to D6
Data
AUDIO ATT
Table 5.5.2 Data setting at “volume UP/DOWN key”
input
Table 5.5.3 Data setting at “screen-size-related
keys” input
Sub-address
0916
Bit
D3 to D6
Data
H PHASE
Table 5.5.4 Data setting at “picture data control
key” and “picture memory switching
key” input
Sub-address
0416
0516
0716
0816
0A16
Bit
D0 to D5
D0 to D6
D0 to D6
D0 to D6
D0 to D6
Data
SHARPNESS
CONTRAST
TINT
COLOR
BRIGHT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com