Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 209 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 209 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 205Page - Renesas Technology Corp 7220 Datasheet HTML 206Page - Renesas Technology Corp 7220 Datasheet HTML 207Page - Renesas Technology Corp 7220 Datasheet HTML 208Page - Renesas Technology Corp 7220 Datasheet HTML 209Page - Renesas Technology Corp 7220 Datasheet HTML 210Page - Renesas Technology Corp 7220 Datasheet HTML 211Page - Renesas Technology Corp 7220 Datasheet HTML 212Page - Renesas Technology Corp 7220 Datasheet HTML 213Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 303 page
background image
5-36
APPLICATION
5.5 Example of I2C-BUS control by software (M37220M3-XXXSP/FP)
7220 Group User’s Manual
Fig. 5.5.13 Flowchart of poweron processing
5.5.6 Flowchart of data setting according to key processing
Figures 5.5.13 to 5.5.15 show the flowcharts of controlling the M52340SP when there are various event
inputs to the actual TV system.
(1)
Poweron processing by “power key“ input
Power on
Wait for stabilizing time to supply
power source.
END
•Set write data register of M52340SP
•To mute video and audio;
MUTE (D6 at sub-address 0B 16)
←“1”
A MUTE (D6 at sub-address 01 16)
←“1”
Related processings:
•OSD when power on
•Write last data to E 2PROM
, etc.
Wait for muting time
To release mute of picture and sound:
MUTE (D6 at sub-address 0B 16)
←“0”
A MUTE (D6 at sub-address 01 16)
←“0”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com