Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 213 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 213 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 209Page - Renesas Technology Corp 7220 Datasheet HTML 210Page - Renesas Technology Corp 7220 Datasheet HTML 211Page - Renesas Technology Corp 7220 Datasheet HTML 212Page - Renesas Technology Corp 7220 Datasheet HTML 213Page - Renesas Technology Corp 7220 Datasheet HTML 214Page - Renesas Technology Corp 7220 Datasheet HTML 215Page - Renesas Technology Corp 7220 Datasheet HTML 216Page - Renesas Technology Corp 7220 Datasheet HTML 217Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 303 page
background image
5-40
APPLICATION
5.5 Example of I2C-BUS control by software (M37220M3-XXXSP/FP)
7220 Group User’s Manual
s Bit 0: Color system determination bit 0 (CONDITION)
This bit indicates whether the color system is being determined or not. Figure 5.5.16 shows the
state of determination, according to the bit, when AUTO (bit 5 at sub-address 0616, write data) is
set to “1.” When AUTO (bit 5 at sub-address 0616, write data) is set to “0,” bit 0 is invalid as the
color system is not determined automatically.
s Bit 1: Color system determination bit 1 (SECAM)
Bit 2: Color system determination bit 2 (NTSC)
These bits determine the color system.
s Bit 3: 3.58/4.43 determination bit (3.58)
This bit determines whether a color signal sub-carrier of the color system is 3.58 MHz or 4.43 MHz.
s Bit 4: AFT signal detection bit 0 (AFT0)
Bit 5: AFT signal detection bit 1 (AFT1)
These bits detect the level of the auto fine tuning signal.
s Bit 6: Synchronous presence determination bit (COINCIDENCE)
This bit determines whether Pin H.OUT output is synchronized with the video signal or not.
s Bit 7: Field Frequency determination bit (50/60)
This bit determines whether the field frequency is 50 Hz or 60 Hz. According to the state of this
bit, the display position or a vertical direction size of video can be changed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com