Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 216 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 216 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 212Page - Renesas Technology Corp 7220 Datasheet HTML 213Page - Renesas Technology Corp 7220 Datasheet HTML 214Page - Renesas Technology Corp 7220 Datasheet HTML 215Page - Renesas Technology Corp 7220 Datasheet HTML 216Page - Renesas Technology Corp 7220 Datasheet HTML 217Page - Renesas Technology Corp 7220 Datasheet HTML 218Page - Renesas Technology Corp 7220 Datasheet HTML 219Page - Renesas Technology Corp 7220 Datasheet HTML 220Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 303 page
background image
APPLICATION
5.5 Example of I2C-BUS control by software (M37220M3-XXXSP/FP)
7220 Group User’s Manual
5-43
s SHARPNESS, CONTRAST, TINT, COLOR, BRIGHT
Data is set to change the picture data.
Some TVs have a picture mode function (such as the movie mode, standard mode), the fixed data
is set according to the mode. Accordingly, it is necessary to change the picture data when changing
the picture mode.
s DEFEAT
This switch turns DEFEAT off when AFT is on, and vice versa.
s TV/EXT
This selects either a TV’s signal or an external device’s signal. This bit should be set to “0” when
TV’s signal is selected and set to “1” when an external device’s signal is selected.
s AUTO
This determines whether the automatic determination of the color system is used or not. When
AUTO is “0,” manual determination is set; when “1,” determination is performed automatically.
s 3.58/NTSC/SECAM
When setting AUTO (bit 5 at sub-address 0616, write data) to “1,” these bits are automatically set
inside the M52340SP. When setting AUTO to “0,” it is necessary to set the data shown in Table
5.5.10, according to the color system.
s H PHASE
The picture’s horizontal position is adjusted. Data is given every 50 Hz or 60 Hz and the data is
set when frequency changes. For wide TVs etc., data is given for each screen size mode, and the
data is set when the screen size mode changes.
s DRIVE R, DRIVE B
Data is used to adjust the output amplitude ratio of R, G and B signals. Since G is the fixed data,
its ratio is adjusted by R and B.
s MUTE
This is the video mute ON/OFF switch.
s CUT OFF R, CUT OFF G, CUT OFF B
Data is used to adjust the output DC level of R, G and B signals.
s F TRAP
This register performes the fine adjustments to the trap frequency of TRAP for Y/C separation.
Color system
PAL
SECAM
NTSC3.58
NTSC4.43
D1
NTSC
0
0
1
1
D0
SECAM
0
1
0
0
Table 5.5.10 Setting of color system (at sub-address
0916, write data)
D2
3.58
0
0
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com