Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 240 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 240 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 236Page - Renesas Technology Corp 7220 Datasheet HTML 237Page - Renesas Technology Corp 7220 Datasheet HTML 238Page - Renesas Technology Corp 7220 Datasheet HTML 239Page - Renesas Technology Corp 7220 Datasheet HTML 240Page - Renesas Technology Corp 7220 Datasheet HTML 241Page - Renesas Technology Corp 7220 Datasheet HTML 242Page - Renesas Technology Corp 7220 Datasheet HTML 243Page - Renesas Technology Corp 7220 Datasheet HTML 244Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 303 page
background image
7220 Group User’s Manual
APPENDIX
6.6 SFR assignment
6-21
b7
b0
Access characteristics
RO
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
: Read enabled, write enabled
RW
RO : Read enabled, write disabled
: Indeterminate immediately
after reset
: “0” immediately after reset
0
1
?
<
State immediately after reset >
: “1” immediately after reset
?
0016
b7
b0
?
0016
?
0016
?
?
?
?
?
0
0
0
?
?
0
0
?
?
?
?
?
?
0
0
?
?
?
?
?
?
?
?
?
?
?
0016
?
?
?
?
0016
0016
0016
0
0
00
0
1?
0
State immediately after reset
0016
0016
0016
0016
0016
0016
0016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com