Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 243 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 243 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 239Page - Renesas Technology Corp 7220 Datasheet HTML 240Page - Renesas Technology Corp 7220 Datasheet HTML 241Page - Renesas Technology Corp 7220 Datasheet HTML 242Page - Renesas Technology Corp 7220 Datasheet HTML 243Page - Renesas Technology Corp 7220 Datasheet HTML 244Page - Renesas Technology Corp 7220 Datasheet HTML 245Page - Renesas Technology Corp 7220 Datasheet HTML 246Page - Renesas Technology Corp 7220 Datasheet HTML 247Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 303 page
background image
APPENDIX
6.6 SFR assignment
7220 Group User’s Manual
6-24
21716
21816
21916
21A16
21B16
b7
b0
RCR1 RCR0
Address
Register
ROM correction address 1 (high-order)
Bit allocation
s2 Page Register Area (addresses 21716 to 21B16)
ROM correction address 1 (low-order)
ROM correction address 2 (high-order)
ROM correction address 2 (low-order)
ROM correction enable register (RCR)
: Fix this bit to “0”
(do not write “1”)
:
<
Bit allocation >
Function bit
: No function bit
: Fix this bit to “1”
(do not write “0”)
Name
:
1
0
ADL20
00
ADL21
ADL22
ADL23
ADL24
ADL25
ADL26
ADL27
ADH20
ADH21
ADH22
ADH23
ADH24
ADH25
ADH26
ADH27
ADL10
ADL11
ADL12
ADL13
ADL14
ADL15
ADL16
ADL17
ADH10
ADH11
ADH12
ADH13
ADH14
ADH15
ADH16
ADH17
Note: Only M37221M8-XXXSP and M37221MA-XXXSP have this area.
Fig. 6.6.3 Memory map of 2 page register (including internal state immediately after reset and access characteristics) (3)
(only M37221M8-XXXSP and M37221MA-XXXSP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com