Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 249 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 249 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 245Page - Renesas Technology Corp 7220 Datasheet HTML 246Page - Renesas Technology Corp 7220 Datasheet HTML 247Page - Renesas Technology Corp 7220 Datasheet HTML 248Page - Renesas Technology Corp 7220 Datasheet HTML 249Page - Renesas Technology Corp 7220 Datasheet HTML 250Page - Renesas Technology Corp 7220 Datasheet HTML 251Page - Renesas Technology Corp 7220 Datasheet HTML 252Page - Renesas Technology Corp 7220 Datasheet HTML 253Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 303 page
background image
APPENDIX
6.7 Control registers
7220 Group User’s Manual
6-30
6.7 Control registers
Fig. 6.7.1 Port Pi direction register
b7 b6 b5 b4 b3 b2 b1 b0
Port Pi direction register (Di) (i=0,1,2) [Addresses 00C116, 00C316, 00C516]
B
Name
Functions
After reset R W
Port Pi Direction Register
0
0 : Port Pi0 input mode
1 : Port Pi0 output mode
0
1
0 : Port Pi1 input mode
1 : Port Pi1 output mode
0
2
0 : Port Pi2 input mode
1 : Port Pi2 output mode
0
3
0 : Port Pi3 input mode
1 : Port Pi3 output mode
0
4
0 : Port Pi4 input mode
1 : Port Pi4 output mode
0
5
0 : Port Pi5 input mode
1 : Port Pi5 output mode
0
6
0 : Port Pi6 input mode
1 : Port Pi6 output mode
0
7
0 : Port Pi7 input mode
1 : Port Pi7 output mode
0
Port Pi direction register
RW
RW
RW
RW
RW
RW
RW
RW
Fig. 6.7.2 Port P3 direction register
b7 b6 b5 b4 b3 b2 b1 b0
Port P3 direction register (D3) [Address 00C716]
B
Name
Functions
After reset RW
Port P3 Direction Register
0
0 : Port P30 input mode
1 : Port P30 output mode
0
1
0 : Port P31 input mode
1 : Port P31 output mode
0
2
0 : Port P32 input mode
1 : Port P32 output mode
0
0
Port P3 direction register
Nothing is assigned. These bits are write disable bits.
When these bits are read out, the values are “0.”
RW
RW
RW
R—
3
to
7
Addresses 00C116, 00C316, 00C516
Address 00C716



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com