Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 253 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 253 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 249Page - Renesas Technology Corp 7220 Datasheet HTML 250Page - Renesas Technology Corp 7220 Datasheet HTML 251Page - Renesas Technology Corp 7220 Datasheet HTML 252Page - Renesas Technology Corp 7220 Datasheet HTML 253Page - Renesas Technology Corp 7220 Datasheet HTML 254Page - Renesas Technology Corp 7220 Datasheet HTML 255Page - Renesas Technology Corp 7220 Datasheet HTML 256Page - Renesas Technology Corp 7220 Datasheet HTML 257Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 303 page
background image
APPENDIX
6.7 Control registers
7220 Group User’s Manual
6-34
Fig. 6.7.9 I2C status register
b7 b6 b5 b4 b3 b2 b1 b0
I2C status register (S1) [Address 00D916]
I2C Status Register
0
3
4
5
6, 7
b7 b6
0
0 : Slave recieve mode
0
1 : Slave transmit mode
1
0 : Master recieve mode
1
1 : Master transmit mode
1
2
0
0
0
1
0
B
Name
Functions
After reset RW
Communication mode
specification bits
(TRX, MST)
0 : Bus free
1 : Bus busy
Bus busy flag (BB)
0 : Interrupt request issued
1 : No interrupt request issued
I2C-BUS interface interrupt
request bit (PIN)
0 : Not detected
1 : Detected
Arbitration lost detecting flag
(AL) (See note)
0 : Address mismatch
1 : Address match
Slave address comparison
flag (AAS) (See note)
0 : No general call detected
1 : General call detected
General call detecting flag
(AD0) (See note)
0 : Last bit = “0 ”
1 : Last bit = “1 ”
Last receive bit (LRB)
(See note)
Note : These bits and flags can be read out, but cannnot be written.
Indeterminate R—
R—
R—
R—
RW
RW
0
RW
Address 00D916



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com