Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 259 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 259 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 255Page - Renesas Technology Corp 7220 Datasheet HTML 256Page - Renesas Technology Corp 7220 Datasheet HTML 257Page - Renesas Technology Corp 7220 Datasheet HTML 258Page - Renesas Technology Corp 7220 Datasheet HTML 259Page - Renesas Technology Corp 7220 Datasheet HTML 260Page - Renesas Technology Corp 7220 Datasheet HTML 261Page - Renesas Technology Corp 7220 Datasheet HTML 262Page - Renesas Technology Corp 7220 Datasheet HTML 263Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 303 page
background image
APPENDIX
6.7 Control registers
7220 Group User’s Manual
6-40
Fig. 6.7.17 Border selection register
b7 b6 b5 b4 b3 b2 b1 b0
Border selection register (MD) [Address 00E5 16]
B
Name
Functions
After reset
R W
Border Selection Register
0
Block 1 OUT1 output
border selection bit (MD10)
0 : Same output as character output
1 : Border output
Indeterminate
1
2
Block 1 OUT1 output
border selection bit (MD20)
0 : Same output as character output
1 : Border output
0
0
3
to
7
Nothing is assigned. This bit is a write disable bit.
When this bit is read out, the value is “0.”
Nothing is assigned. These bits are write disable bits.
When these bits are read out, the values are “0.”
Indeterminate
RW
R—
RW
R—
0
Note : M37220M3-XXXSP/FP
(See note)
RW
(See note)
Block 1 OUT output
border selection bit (MD10)
0 : Same output as character output
1 : Border output
Indeterminate
2
RW
Block 2 OUT output
border selection bit (MD20)
0 : Same output as character output
1 : Border output
Indeterminate
Address 00E516



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com