Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 263 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 263 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 259Page - Renesas Technology Corp 7220 Datasheet HTML 260Page - Renesas Technology Corp 7220 Datasheet HTML 261Page - Renesas Technology Corp 7220 Datasheet HTML 262Page - Renesas Technology Corp 7220 Datasheet HTML 263Page - Renesas Technology Corp 7220 Datasheet HTML 264Page - Renesas Technology Corp 7220 Datasheet HTML 265Page - Renesas Technology Corp 7220 Datasheet HTML 266Page - Renesas Technology Corp 7220 Datasheet HTML 267Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 303 page
background image
APPENDIX
6.7 Control registers
7220 Group User’s Manual
6-44
Fig. 6.7.21 CRT clock selection register
Address 00ED16
b7 b6 b5 b4 b3 b2 b1 b0
CRT clock selection register (CK) [Address 00ED
B
Name
Functions
After reset R W
CRT Clock Selection Register
0, 1 CRT clock
selection bits
(CK0,CK1)
0
Since the main clock is used as the clock for
display, the oscillation frequency is limited.
Because of this, the character size in width
(horizontal) direction is also limited. In this
case, pins OSC1 and OSC2 are also used
as input ports P33 and P34 respectively.
The clock for display is supplied by connecting the
following across the pins OSC1 and OSC2.
• a ceramic resonator only for CRT display and a feedback resistor
• a quartz-crystal oscillator only for CRT display and a feedback
resistor (Note)
2
to
7
0
0
0
0
0
0
0
b1
The clock for display is supplied by connecting RC
or LC across the pins OSC1 and OSC2.
Functions
10
b0
CRT oscillation
frequency
= f(XIN)
CRT oscillation
frequency
= f(XIN)/1.5
Note: It is necessary to connect other ceramic resonator or quartz-crystal oscillator across the pins X
0
0
1
1
1
1
Fix these bits to “0.”
IN
and XOUT.
16
]
RW
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com