Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 267 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 267 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 263Page - Renesas Technology Corp 7220 Datasheet HTML 264Page - Renesas Technology Corp 7220 Datasheet HTML 265Page - Renesas Technology Corp 7220 Datasheet HTML 266Page - Renesas Technology Corp 7220 Datasheet HTML 267Page - Renesas Technology Corp 7220 Datasheet HTML 268Page - Renesas Technology Corp 7220 Datasheet HTML 269Page - Renesas Technology Corp 7220 Datasheet HTML 270Page - Renesas Technology Corp 7220 Datasheet HTML 271Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 303 page
background image
APPENDIX
6.7 Control registers
7220 Group User’s Manual
6-48
Fig. 6.7.27 CPU mode register
b7 b6 b5 b4 b3 b2 b1 b0
CPU mode register (CPUM) (CM) [Address 00FB16]
B
After reset
RW
CPU Mode Register
0, 1
2
3
to
5
0
1
Name
Functions
Fix these bits to “0.”
Fix these bits to “1.”
1
Stack page selection
bit (CM2)
1
0: 0 page
1: 1 page
10
0
6, 7
Indeterminate
Note: This bit is set to “1” after reset release.
1
11
RW
RW
RW
RW
Address 00FB16
Fig. 6.7.28 Interrupt request register 1
b7 b6 b5 b4 b3 b2 b1 b0
Interrupt request register 1 (IREQ1) [Address 00FC
B
Name
Functions
After reset RW
Interrupt Request Register 1
0
0 : No interrupt request issued
1 : Interrupt request issued
Timer 1 interrupt
request bit
(TM1R)
1
Timer 2 interrupt
request bit
(TM2R)
2
Timer 3 interrupt
request bit
(TM3R)
3
Timer 4 interrupt
request bit
(TM4R)
4
CRT interrupt
request bit
(CRTR)
5VSYNC interrupt
request bit
(VSCR)
6
Multi-master I2C-BUS interface
interrupt request bit
(IICR)
7
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
0
0
V
0
V
0
V
0
V
0
V
0
V
0
V
V: “0” can be set by software, but “1” cannot be set.
INT3 interrupt
request bit
(IT3R)
0 : No interrupt request issued
1 : Interrupt request issued
V
16
]
R
R
R
R
R
R
R
R
Note : M37220M3-XXXSP/FP
(See note)
6
0
Nothing is assigned. This bit is a write disable bit.
When this bit is read out, the value is “0.”
—
R
Address 00FC16
(Note)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com