Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 270 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 270 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 266Page - Renesas Technology Corp 7220 Datasheet HTML 267Page - Renesas Technology Corp 7220 Datasheet HTML 268Page - Renesas Technology Corp 7220 Datasheet HTML 269Page - Renesas Technology Corp 7220 Datasheet HTML 270Page - Renesas Technology Corp 7220 Datasheet HTML 271Page - Renesas Technology Corp 7220 Datasheet HTML 272Page - Renesas Technology Corp 7220 Datasheet HTML 273Page - Renesas Technology Corp 7220 Datasheet HTML 274Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 270 / 303 page
background image
7220 Group User’s Manual
APPENDIX
6.8 Ports
6-51
6.8 Ports
Fig. 6.8.1 I/O pin block diagram (1)
P06/INT2/A-D4, P0 7/INT1
N-channel open-drain output
Data bus
Direction register
Port latch
N-channel open-drain output
P00/PWM0–P05/PWM5, P32
Data bus
Direction register
Port latch
indicates a pin.
qM37221M4-XXXSP, M37221M6-XXXSP/FP, M37221M8-XXXSP, M37221MA-XXXSP
P10/OUT2, P11/SCL1, P12/SCL2, P13/SDA1, P14/SDA2, P15/A-D1/INT3, P1 6/A-D2, P17/A-D3,
P20/SCLK, P21/SOUT, P22/SIN, P23/TIM3, P24/TIM2, P25–P27, P30/A-D5, P31/A-D6 (See notes 1, 2)
qM37220M3-XXXSP/FP
P10–P14, P15/A-D/INT3, P1 6/A-D2, P17/A-D3, P20/SCLK, P21/SOUT, P22/SIN,
P23/TIM3, P24/TIM2, P25–P27, P30/A-D5/DA1, P3 1/A-D6/DA2 (See note 2)
CMOS output
Notes 1 :
Data bus
Direction register
Port latch
When ports P11–P14 are used as multi-master I C-BUS interface pin and when ports P2
serial I/O output pins, their output structure is N-channel open-drain output.
For the output structure of ports P3
(In the case of N-channel open-drain output, the block diagram is the same as below).
2 :
2
0
, P21 are used as
0
, P31, either CMOS output or N-channel open-drain output is selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com