Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 264 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 264 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 260Page - Renesas Technology Corp 7220 Datasheet HTML 261Page - Renesas Technology Corp 7220 Datasheet HTML 262Page - Renesas Technology Corp 7220 Datasheet HTML 263Page - Renesas Technology Corp 7220 Datasheet HTML 264Page - Renesas Technology Corp 7220 Datasheet HTML 265Page - Renesas Technology Corp 7220 Datasheet HTML 266Page - Renesas Technology Corp 7220 Datasheet HTML 267Page - Renesas Technology Corp 7220 Datasheet HTML 268Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 303 page
background image
7220 Group User’s Manual
APPENDIX
6.7 Control registers
6-45
Fig. 6.7.22 A-D control register 1
b7 b6 b5 b4 b3 b2 b1 b0
A-D control register 1 (AD1) [Address 00EE 16]
B
After reset RW
A-D Control Register 1
0
to
2
Analog input pin selection
bits
(ADM0, ADM1, ADM2)
Name
Functions
b2 b1 b0
0
0
0 : A-D1
0
0
1 : A-D2
0
1
0 : A-D3
0
1
1 : A-D4
1
0
0 : A-D5
1
0
1 : A-D6
1
1
0 :
1
1
1 :
4
Storage bit of comparison
result (ADM4)
0: Input voltage < reference voltage
1: Input voltage > reference voltage
5
to
7
Nothing is assigned. These bits are write disable bits.
When these bits are read out, the values are “0.”
0
Indeterminate
0
0
Do not set.
3
Nothing is assigned. This bit is a write disable bit.
When this bit is read out, the value is “0.”
RW
RW
R—
R—
Address 00EE16
Fig. 6.7.23 A-D control register 2
b7 b6 b5 b4 b3 b2 b1 b0
A-D control register 2(AD2) [Address 00EF 16]
B
After reset
RW
A-D Control Register 2
0
to
5
6, 7
0
0
Name
Functions
D-A converter set bits
(ADC0, ADC1, ADC2,
ADC3, ADC4, ADC5)
b0
b1
b2
b3
b4
b5
Nothing is assigned. These bits are write disable bits.
When these bits are reed out, the values are “ 0.”
1
0000
00
0000
0
0
0000
0
0
111
1
1
1111
1
1
1111
11
: 3/128Vcc
: 5/128Vcc
: 123/128Vcc
: 125/128Vcc
: 127/128Vcc
: 1/128Vcc
RW
R—
Address 00EF16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com