Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8536BVTATH Datasheet(PDF) 107 Page - Freescale Semiconductor, Inc

Part # MPC8536BVTATH
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8536BVTATH Datasheet(HTML) 107 Page - Freescale Semiconductor, Inc

Back Button MPC8536BVTATH Datasheet HTML 103Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 104Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 105Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 106Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 107Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 108Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 109Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 110Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 111Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 128 page
background image
Clocking
MPC8536E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
107
2.23.1
Clock Ranges
Table 73 provides the clocking specifications for the processor cores and Table 74 provides the clocking specifications for the
memory bus.
The DDR memory controller can run in either synchronous or asynchronous mode. When running in synchronous mode, the
memory bus is clocked relative to the platform clock frequency. When running in asynchronous mode, the memory bus is
clocked with its own dedicated PLL. Table 74 provides the clocking specifications for the memory bus.
Table 73. Processor Core Clocking Specifications
Characteristic
Maximum Processor Core Frequency
Unit
Notes
600 MHz
800 MHz
1000 MHz
1250 MHz
1333 MHZ
1500 MHz
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
e500 core processor
frequency
600
600
600
800
600
1000
600
1250
600
1333
600
1500
MHz
1, 2
CCB frequency
400
400
400
400
333
400
333
500
333
533
333
500
DDR Data Rate
400
400
400
400
400
400
400
500
400
667
400
667
Notes:
1. Caution: The CCB to SYSCLK ratio and e500 core to CCB ratio settings must be chosen such that the resulting SYSCLK
frequency, e500 (core) frequency, and CCB frequency do not exceed their respective maximum or minimum operating
frequencies. Refer to Section 2.23.2, “CCB/SYSCLK PLL Ratio” and Section 2.23.3, “e500 Core PLL Ratio“, Section 2.23.4,
“DDR/DDRCLK PLL Ratio,” for ratio settings.
2. The processor core frequency speed bins listed also reflect the maximum platform (CCB) and DDR data rate frequency
supported by production test. Running CCB and/or DDR data rate higher than the limit shown above, although logically
possible via valid clock ratio setting in some condition, is not supported.
Table 74. Memory Bus Clocking Specifications
Characteristic
Maximum Processor Core Frequency
Unit
Notes
600, 800, 1000, 1250,1333, 1500MHz
Min
Max
DDR Memory bus clock speed
200
333
MHz
1, 2, 3, 4
Notes:
1. Caution: The CCB clock to SYSCLK ratio and e500 core to CCB clock ratio settings must be chosen such that the resulting
SYSCLK frequency, e500 (core) frequency, and CCB clock frequency do not exceed their respective maximum or minimum
operating frequencies. See Section 2.23.2, “CCB/SYSCLK PLL Ratio,” Section 2.23.3, “e500 Core PLL Ratio,” and
Section 2.23.4, “DDR/DDRCLK PLL Ratio,” for ratio settings.
2. The Memory bus clock refers to the MPC8536E memory controllers’ MCK[0:5] and MCK[0:5] output clocks, running at half of
the DDR data rate.
3. In synchronous mode, the memory bus clock speed is half the platform clock frequency. In other words, the DDR data rate is
the same as the platform (CCB) frequency. If the desired DDR data rate is higher than the platform (CCB) frequency,
asynchronous mode must be used.
4. In asynchronous mode, the memory bus clock speed is dictated by its own PLL. See Section 2.23.4, “DDR/DDRCLK PLL
Ratio.” The memory bus clock speed must be less than or equal to the CCB clock rate which in turn must be less than the DDR
data rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com