Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8536BVTATH Datasheet(PDF) 110 Page - Freescale Semiconductor, Inc

Part # MPC8536BVTATH
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8536BVTATH Datasheet(HTML) 110 Page - Freescale Semiconductor, Inc

Back Button MPC8536BVTATH Datasheet HTML 106Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 107Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 108Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 109Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 110Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 111Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 112Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 113Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 114Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 128 page
background image
MPC8536E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
Thermal
Freescale Semiconductor
110
2.23.6
Frequency Options
2.23.6.1
SYSCLK to Platform Frequency Options
Table 78 shows the expected frequency values for the platform frequency when using a CCB clock to SYSCLK ratio in
comparison to the memory bus clock speed.
2.23.6.2
Minimum Platform Frequency Requirements for High-speed Interfaces
Section 4.4.3.8 “SerDes1 I/O Port Selection” and Section 4.4.3.9 “SerDes2 I/O Port Selection” of the MPC8536E
PowerQUICC™ III Integrated Host Processor Family Reference Manual, describes various high-speed interface configuration
options. Note that the CCB clock frequency must be considered for proper operation of such interfaces as described below.
For proper PCI Express operation, the CCB clock frequency must be equal or greater than:
See Section 18.1.3.2, “Link Width,” of the MPC8536E PowerQUICC™ III Integrated Host Processor Family Reference
Manual, for PCI Express interface width details. Note that the “PCI Express link width” in the above equation refers to the
negotiated link width as the result of PCI Express link training, which may or may not be the same as the link width POR
selection.
2.24
Thermal
This section describes the thermal specifications of the MPC8536E.
Table 78. Frequency Options of SYSCLK with Respect to Memory Bus Speeds
CCB to
SYSCLK Ratio
SYSCLK (MHz)
33.33
41.66
66.66
83
100
111
133.33
Platform /CCB Frequency (MHz)
3
333
400
4
333
400
444
533
5
333
415
500
6
400
500
8
333
533
10
333
417
12
400
500
16
533
527 MHz
PCI Express link width
()
×
8
----------------------------------------------------------------------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com