Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8536BVTATH Datasheet(PDF) 115 Page - Freescale Semiconductor, Inc

Part # MPC8536BVTATH
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8536BVTATH Datasheet(HTML) 115 Page - Freescale Semiconductor, Inc

Back Button MPC8536BVTATH Datasheet HTML 111Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 112Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 113Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 114Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 115Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 116Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 117Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 118Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 119Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 128 page
background image
Power Supply Design and Sequencing
MPC8536E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
115
3.2
Power Supply Design and Sequencing
3.2.1
PLL Power Supply Filtering
Each of the PLLs listed above is provided with power through independent power supply pins (AVDD_PLAT, AVDD_CORE,
AVDD_PCI, AVDD_LBIU, and AVDD_SRDS respectively). The AVDD level should always be equivalent to VDD, and
preferably these voltages will be derived directly from VDD through a low frequency filter scheme such as the following.
There are a number of ways to reliably provide power to the PLLs, but the recommended solution is to provide independent
filter circuits per PLL power supply as illustrated in Figure 75, one to each of the AVDD pins. By providing independent filters
to each PLL the opportunity to cause noise injection from one PLL to the other is reduced.
This circuit is intended to filter noise in the PLLs resonant frequency range from a 500 kHz to 10 MHz range. It should be built
with surface mount capacitors with minimum Effective Series Inductance (ESL). Consistent with the recommendations of Dr.
Howard Johnson in High Speed Digital Design: A Handbook of Black Magic (Prentice Hall, 1993), multiple small capacitors
of equal value are recommended over a single large value capacitor.
Each circuit should be placed as close as possible to the specific AVDD pin being supplied to minimize noise coupled from
nearby circuits. It should be possible to route directly from the capacitors to the AVDD pin, which is on the periphery of 783
FC-PBGA the footprint, without the inductance of vias.
Figure 75 shows the PLL power supply filter Circuit.
Figure 75. MPC8536E PLL Power Supply Filter Circuit
The AVDD_SRDSn signals provides power for the analog portions of the SerDes PLL. To ensure stability of the internal clock,
the power supplied to the PLL is filtered using a circuit similar to the one shown in following Figure 76. For maximum
effectiveness, the filter circuit is placed as closely as possible to the AVDD_SRDSn balls to ensure it filters out as much noise
as possible. The ground connection should be near the AVDD_SRDSn balls. The 0.003-µF capacitor is closest to the balls,
followed by the 1-µF capacitor, and finally the 1 ohm resistor to the board supply plane. The capacitors are connected from
AVDD_SRDSn to the ground plane. Use ceramic chip capacitors with the highest possible self-resonant frequency. All traces
should be kept short, wide and direct.
Figure 76. SerDes PLL Power Supply Filter Circuit
Note the following:
•AVDD should be a filtered version of SVDD.
•
Signals on the SerDes interface are fed from the XVDD power plane.
VDD
AVDD
2.2 µF
2.2 µF
GND
Low ESL Surface Mount Capacitors
10
Ω
2.2 µF 1
0.003 µF
GND
1.0
Ω
AVDD - SRDS
1. An 0805 sized capacitor is recommended for system initial bring-up
SnVDD
2.2 µF 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com