Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8536BVTATH Datasheet(PDF) 119 Page - Freescale Semiconductor, Inc

Part # MPC8536BVTATH
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8536BVTATH Datasheet(HTML) 119 Page - Freescale Semiconductor, Inc

Back Button MPC8536BVTATH Datasheet HTML 115Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 116Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 117Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 118Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 119Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 120Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 121Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 122Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 123Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 128 page
background image
JTAG Configuration Signals
MPC8536E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
119
The COP interface has a standard header, shown in Figure 79, for connection to the target system, and is based on the 0.025"
square-post, 0.100" centered header assembly (often called a Berg header). The connector typically has pin 14 removed as a
connector key.
The COP header adds many benefits such as breakpoints, watchpoints, register and memory examination/modification, and
other standard debugger features. An inexpensive option can be to leave the COP header unpopulated until needed.
There is no standardized way to number the COP header; consequently, many different pin numbers have been observed from
emulator vendors. Some are numbered top-to-bottom then left-to-right, while others use left-to-right then top-to-bottom, while
still others number the pins counter clockwise from pin 1 (as with an IC). Regardless of the numbering, the signal placement
recommended in Figure 79 is common to all known emulators.
3.10.1
Termination of Unused Signals
If the JTAG interface and COP header will not be used, Freescale recommends the following connections:
•TRST should be tied to HRESET through a 0 k
Ω isolation resistor so that it is asserted when the system reset signal
(HRESET) is asserted, ensuring that the JTAG scan chain is initialized during the power-on reset flow. Freescale
recommends that the COP header be designed into the system as shown in Figure 78. If this is not possible, the
isolation resistor will allow future access to TRST in case a JTAG interface may need to be wired onto the system in
future debug situations.
•
No pull-up/pull-down is required for TDI, TMS, or TDO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com