Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8536BVTATH Datasheet(PDF) 120 Page - Freescale Semiconductor, Inc

Part # MPC8536BVTATH
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8536BVTATH Datasheet(HTML) 120 Page - Freescale Semiconductor, Inc

Back Button MPC8536BVTATH Datasheet HTML 116Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 117Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 118Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 119Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 120Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 121Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 122Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 123Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 124Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 128 page
background image
MPC8536E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
JTAG Configuration Signals
Freescale Semiconductor
120
Figure 78. JTAG Interface Connection
HRESET
From Target
Board Sources
COP_HRESET
13
COP_SRESET
SRESET
NC
11
COP_VDD_SENSE2
6
5 3
15
10
Ω
10 k
Ω
10 k
Ω
COP_CHKSTP_IN
CKSTP_IN
8
COP_TMS
COP_TDO
COP_TDI
COP_TCK
TMS
TDO
TDI
9
1
3
4
COP_TRST
7
16
2
10
12
(if any)
14 3
Notes:
3. The KEY location (pin 14) is not physically present on the COP header.
10 k
Ω
TRST1
10 k
Ω
10 k
Ω
10 k
Ω
CKSTP_OUT
COP_CHKSTP_OUT
3
13
9
5
1
6
10
15
11
7
16
12
8
4
KEY
No pin
COP Connector
Physical Pinout
1
2
NC
SRESET
2. Populate this with a 10
Ω resistor for short-circuit/current-limiting protection.
NC
OVDD
10 k
Ω
HRESET1
order to fully control the processor as shown here.
4. Although pin 12 is defined as a No-Connect, some debug tools may use pin 12 as an additional GND pin for
1. The COP port and target board should be able to independently assert HRESET and TRST to the processor in
improved signal integrity.
TCK
4
5
5. This switch is included as a precaution for BSDL testing. The switch should be closed to position A during BSDL testing
to avoid accidentally asserting the TRST line. If BSDL testing is not being performed, this switch should be closed to
10 k
Ω
6
position B.
6. Asserting SRESET causes a machine check interrupt to the e500 core.
10 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com