Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 220 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 220 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 216Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 217Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 218Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 219Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 220Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 221Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 222Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 223Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 224Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 452 page
background image
Instruction Glossary
S12CPUV2 Reference Manual, Rev. 4.0
220
Freescale Semiconductor
Operation:
Effective Address
⇒ SP
Description:
Loads the stack pointer with an effective address specified by the program.
The effective address can be any indexed addressing mode operand
address except an indirect address. Indexed addressing mode operand
addresses are formed by adding an optional constant supplied by the
program or an accumulator value to the current value in X, Y, SP, or PC.
See 3.9 Indexed Addressing Modes for more details.
LEAS does not alter condition code bits. This allows stack modification
without disturbing CCR bits changed by recent arithmetic operations.
Operation is a bit more complex when LEAS is used with auto-increment or
auto-decrement operand specifications and the SP is the referenced index
register. The index register is loaded with what would have gone out to the
address bus in the case of a load index instruction. In the case of a
pre-increment or pre-decrement, the modification is made before the index
register is loaded. In the case of a post-increment or post-decrement,
modification would have taken effect after the address went out on the
address bus, so post-modification does not affect the content of the index
register.
In the unusual case where LEAS involves two different index registers and
post-increment or post-decrement, both index registers are modified as
demonstrated by the following example. Consider the instruction LEAS
4,Y+. First S is loaded with the value of Y, then Y is incremented by 4.
LEAS
Load Stack Pointer with Effective Address
LEAS
CCR Details:
S
X
HIN
Z
V
C
––––––––
Source Form
Address
Mode
Object Code
Access Detail
HCS12
M68HC12
LEAS oprx0_xysp
LEAS oprx9,xysp
LEAS oprx16,xysp
IDX
IDX1
IDX2
1B xb
1B xb ff
1B xb ee ff
Pf
PO
PP
PP
(1)
PO
PP
1. Due to internal M68HC12 CPU requirements, the program word fetch is performed twice to the same address during this
instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com