Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 222 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 222 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 218Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 219Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 220Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 221Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 222Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 223Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 224Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 225Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 226Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 452 page
background image
Instruction Glossary
S12CPUV2 Reference Manual, Rev. 4.0
222
Freescale Semiconductor
Operation:
Effective Address
⇒ Y
Description:
Loads index register Y with an effective address specified by the program.
The effective address can be any indexed addressing mode operand
address except an indirect address. Indexed addressing mode operand
addresses are formed by adding an optional constant supplied by the
program or an accumulator value to the current value in X, Y, SP, or PC.
See 3.9 Indexed Addressing Modes for more details.
Operation is a bit more complex when LEAY is used with auto-increment or
auto-decrement operand specifications and index register Y is the
referenced index register. The index register is loaded with what would have
gone out to the address bus in the case of a load indexed instruction. In the
case of a pre-increment or pre-decrement, the modification is made before
the index register is loaded. In the case of a post-increment or
post-decrement, modification would have taken effect after the address
went out on the address bus, so post-modification does not affect the
content of the index register.
In the unusual case where LEAY involves two different index registers and
post-increment and post-decrement, both index registers are modified as
demonstrated by the following example. Consider the instruction LEAY
4,X+. First Y is loaded with the value of X, then X is incremented by 4.
LEAY
Load Y with Effective Address
LEAY
CCR Details:
S
X
HIN
Z
V
C
––––––––
Source Form
Address
Mode
Object Code
Access Detail
HCS12
M68HC12
LEAY oprx0_xysp
LEAY oprx9,xysp
LEAY oprx16,xysp
IDX
IDX1
IDX2
19 xb
19 xb ff
19 xb ee ff
Pf
PO
PP
PP
(1)
PO
PP
1. Due to internal M68HC12 CPU requirements, the program word fetch is performed twice to the same address during this
instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com