Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 298 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 298 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 294Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 295Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 296Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 297Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 298Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 299Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 300Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 301Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 302Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 298 / 452 page
background image
Instruction Glossary
S12CPUV2 Reference Manual, Rev. 4.0
298
Freescale Semiconductor
Operation:
(SP) – $0002
⇒ SP; RTNH : RTNL ⇒ (M(SP) : M(SP+1))
(SP) – $0002
⇒ SP; YH : YL ⇒ (M(SP) : M(SP+1))
(SP) – $0002
⇒ SP; XH : XL ⇒ (M(SP) : M(SP+1))
(SP) – $0002
⇒ SP; B : A⇒ (M(SP) : M(SP+1))
(SP) – $0001
⇒ SP; CCR ⇒ (M(SP))
1
⇒ I
(Trap Vector)
⇒ PC
Description:
Traps unimplemented opcodes. There are opcodes in all 256 positions in
the page 1 opcode map, but only 54 of the 256 positions on page 2 of the
opcode map are used. If the CPU attempts to execute one of the
unimplemented opcodes on page 2, an opcode trap interrupt occurs.
Unimplemented opcode traps are essentially interrupts that share the
$FFF8:$FFF9 interrupt vector.
TRAP uses the next address after the unimplemented opcode as a return
address. It stacks the return address, index registers Y and X, accumulators
B and A, and the CCR, automatically decrementing the SP before each item
is stacked. The I mask bit is then set, the PC is loaded with the trap vector,
and instruction execution resumes at that location. This instruction is not
maskable by the I bit. Refer to Section 7. Exception Processing for more
information.
TRAP
Unimplemented Opcode Trap
TRAP
CCR Details:
S
X
HIN
Z
V
C
–––1––––
I:
1; set
Source Form
Address
Mode
Object Code
Access Detail
HCS12
M68HC12
TRAP trapnum
INH
$18 tn
(1)
1. The value tn represents an unimplemented page 2 opcode in either of the two ranges $30 to $39 or $40 to $FF.
OVSPSSPSsP
OfVSPSSPSsP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com