Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 295 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 295 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 291Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 292Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 293Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 294Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 295Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 296Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 297Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 298Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 299Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 295 / 452 page
background image
Glossary
S12CPUV2 Reference Manual, Rev. 4.0
Freescale Semiconductor
295
Operation:
If (Counter)
≠ 0, then (PC) + $0003 + Rel ⇒ PC
Description:
Tests the specified counter register A, B, D, X, Y, or SP. If the counter
register is not zero, branches to the specified relative destination. TBNE is
encoded into three bytes of machine code including a 9-bit relative offset
(–256 to +255 locations from the start of the next instruction).
DBNE and IBNE instructions are similar to TBNE, except that the counter is
decremented or incremented rather than simply being tested. Bits 7 and 6
of the instruction postbyte are used to determine which operation is to be
performed.
TBNE
Test and Branch if Not Equal to Zero
TBNE
CCR Details:
S
X
HIN
Z
V
C
––––––––
Source Form
Address
Mode
Object Code(1)
1. Encoding for lb is summarized in the following table. Bit 3 is not used (don’t care), bit 5 selects branch on zero (TBEQ –
0) or not zero (TBNE – 1) versions, and bit 4 is the sign bit of the 9-bit relative offset. Bits 7 and 6 should be 0:1 for TBNE.
Access Detail
HCS12
M68HC12
TBNE abdxys,rel9
REL
04 lb rr
PPP/PPO
PPP
Count
Register
Bits 2:0
Source Form
Object Code
(If Offset is Positive)
Object Code
(If Offset is Negative)
A
B
000
001
TBNE A, rel9
TBNE B, rel9
04 60 rr
04 61 rr
04 70 rr
04 71 rr
D
X
Y
SP
100
101
110
111
TBNE D, rel9
TBNE X, rel9
TBNE Y, rel9
TBNE SP, rel9
04 64 rr
04 65 rr
04 66 rr
04 67 rr
04 74 rr
04 75 rr
04 76 rr
04 77 rr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com