Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 293 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 293 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 289Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 290Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 291Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 292Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 293Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 294Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 295Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 296Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 297Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 293 / 452 page
background image
Glossary
S12CPUV2 Reference Manual, Rev. 4.0
Freescale Semiconductor
293
Operation:
If (Counter) = 0, then (PC) + $0003 + Rel
⇒ PC
Description:
Tests the specified counter register A, B, D, X, Y, or SP. If the counter
register is zero, branches to the specified relative destination. TBEQ is
encoded into three bytes of machine code including a 9-bit relative offset
(–256 to +255 locations from the start of the next instruction).
DBEQ and IBEQ instructions are similar to TBEQ, except that the counter is
decremented or incremented rather than simply being tested. Bits 7 and 6
of the instruction postbyte are used to determine which operation is to be
performed.
TBEQ
Test and Branch if Equal to Zero
TBEQ
CCR Details:
S
X
HIN
Z
V
C
––––––––
Source Form
Address
Mode
Object Code(1)
1. Encoding for lb is summarized in the following table. Bit 3 is not used (don’t care), bit 5 selects branch on zero (TBEQ – 0)
or not zero (TBNE – 1) versions, and bit 4 is the sign bit of the 9-bit relative offset. Bits 7 and 6 should be 0:1 for TBEQ.
Access Detail
HCS12
M68HC12
TBEQ abdxys,rel9
REL
04 lb rr
PPP/PPO
PPP
Count
Register
Bits 2:0
Source Form
Object Code
(If Offset is Positive)
Object Code
(If Offset is Negative)
A
B
000
001
TBEQ A, rel9
TBEQ B, rel9
04 40 rr
04 41 rr
04 50 rr
04 51 rr
D
X
Y
SP
100
101
110
111
TBEQ D, rel9
TBEQ X, rel9
TBEQ Y, rel9
TBEQ SP, rel9
04 44 rr
04 45 rr
04 46 rr
04 47 rr
04 54 rr
04 55 rr
04 56 rr
04 57 rr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com