Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 291 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 291 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 287Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 288Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 289Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 290Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 291Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 292Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 293Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 294Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 295Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 291 / 452 page
background image
Glossary
S12CPUV2 Reference Manual, Rev. 4.0
Freescale Semiconductor
291
Operation:
(A)
⇒ CCR
Description:
Transfers the logic states of bits [7:0] of accumulator A to the corresponding
bit positions of the CCR. The content of A remains unchanged. The X mask
bit can be cleared as a result of a TAP, but cannot be set if it was cleared
prior to execution of the TAP. If the I bit is cleared, there is a 1-cycle delay
before the system allows interrupt requests. This prevents interrupts from
occurring between instructions in the sequences CLI, WAI and CLI, STOP.
This instruction is accomplished with the TFR A,CCR instruction. For
compatibility with the M68HC11, the mnemonic TAP is translated by the
assembler.
Condition codes take on the value of the corresponding bit of accumulator
A, except that the X mask bit cannot change from 0 to 1. Software can leave
the X bit set, leave it cleared, or change it from 1 to 0, but it can only be set
by a reset or by recognition of an XIRQ interrupt.
TAP
Transfer from Accumulator A
to Condition Code Register
TAP
CCR Details:
S
X
HIN
Z
V
C
∆⇓∆∆∆∆∆∆
Source Form
Address
Mode
Object Code
Access Detail
HCS12
M68HC12
TAP translates to...
TFR A,CCR
INH
B7 02
P
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com