Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 319 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 319 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 315Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 316Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 317Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 318Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 319Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 320Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 321Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 322Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 323Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 319 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
Freescale Semiconductor
319
Figure 7-1. Exception Processing Flow Diagram
PUSH CCR (BYTE)
8.2 - s
1.0 - V
FETCH VECTOR
2.0 - f
NO BUS ACCESS
SET S, X, AND I
START
END
NO
YES
RESET?
INTERRUPT?
2.1 - S
PUSH RETURN ADDRESS
ADDRESS OF INST THAT WOULD HAVE
2.2 - S
PUSH RETURN ADDRESS
ADDRESS OF INST AFTER SWI OR
EXECUTED IF NO INTERRUPT
UNIMPLEMENTED OPCODE
3.0 - P
FETCH PROGRAM WORD
START TO FILL INSTRUCTION QUEUE
4.0 - P
FETCH PROGRAM WORD
CONTINUE TO FILL INSTRUCTION
5.0 - P
FETCH PROGRAM WORD
FINISH FILLING INSTRUCTION QUEUE
3.2 - P
FETCH PROGRAM WORD
START TO FILL INSTRUCTION QUEUE
4.2 - S
PUSH Y
6.2 - P
FETCH PROGRAM WORD
CONTINUE TO FILL INST. QUEUE
9.2 - P
FETCH PROGRAM WORD
FINISH FILLING INSTRUCTION QUEUE
5.2 - S
PUSH X
TRANSFER B:A TO 16-BIT TEMP REG
7.2 - S
PUSH B:A
SET I BIT
END
3.1 - P
FETCH PROGRAM WORD
START TO FILL INSTRUCTION QUEUE
4.1 - S
PUSH Y
6.1 - P
FETCH PROGRAM WORD
CONTINUE TO FILL INST. QUEUE
9.1 - P
FETCH PROGRAM WORD
FINISH FILLING INSTRUCTION QUEUE
5.1 - S
PUSH X
TRANSFER B:A TO 16-BIT TEMP REG
7.1 - S
PUSH B:A
8.1 - s
PUSH CCR (BYTE)
SET I BIT
IF XIRQ, SET X BIT
END
NO
YES
OPCODE TRAP?
YES
T.1 - f
INTERNAL CALCULATIONS
NO
QUEUE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com