Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 323 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 323 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 319Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 320Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 321Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 322Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 323Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 324Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 325Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 326Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 327Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 323 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
Freescale Semiconductor
323
8.1 Introduction
This section describes development and debug support features related to
the central processor unit (CPU12). Topics include:
• Single-wire background debug interface
• Hardware breakpoint system
• Instruction queue operation and reconstruction
• Instruction tagging
1 = Valid Data
TRACE — Trace Flag
Indicates when tracing is enabled. Firmware in the BDM ROM sets
TRACE in response to a TRACE1 command and TRACE is cleared upon
completion of the TRACE1 command. Do not attempt to write TRACE
directly with WRITE_BD_BYTE commands.
0 = Tracing not enabled
1 = TRACE1 command in progress
8.2 External Reconstruction of the Queue
The CPU12 uses an instruction queue to buffer program information and
increase instruction throughput. The HCS12 implements the queue
somewhat differently from the original M68HC12. The HCS12 queue
consists of three 16-bit stages while the M68HC12 queue consists of two
16-bit stages, plus a 16-bit holding latch. Program information is always
fetched in aligned 16-bit words. At least three bytes of program information
are available to the CPU when instruction execution begins. The holding
latch in the M68HC12 is used when a word of program information arrives
before the queue can advance.
Reference Manual — S12CPUV2
Section 8.
Instruction Queue



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com