Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 328 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 328 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 324Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 325Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 326Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 327Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 328Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 329Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 330Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 331Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 332Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 328 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
328
Freescale Semiconductor
8.3.8 SEV — Start Instruction on Even Address (Code 1:0)
The E cycle associated with this code is the first cycle of the instruction in
the even (high order) half of the word at the head of the instruction queue.
The queue treats the $18 prebyte for instructions on page 2 of the opcode
map as a special 1-byte, 1-cycle instruction, except that interrupts are not
recognized at the boundary between the prebyte and the rest of the
instruction.
8.3.9 SOD — Start Instruction on Odd Address (Code 1:1)
The E cycle associated with this code is the first cycle of the instruction in
the odd (low order) half of the word at the head of the instruction queue. The
queue treats the $18 prebyte for instructions on page 2 of the opcode map
as a special 1-byte, 1-cycle instruction, except that interrupts are not
recognized at the boundary between the prebyte and the rest of the
instruction.
8.4 Queue Reconstruction (for HCS12)
The raw signals required for queue reconstruction are the address bus
(ADDR), the data bus (DATA), the system clock (E), and the queue status
signals (IPIPE1 and IPIPE2). An ALD data movement implies a read;
therefore, it is not necessary to capture the R/W signal. An E clock cycle
begins at a falling edge of E. Addresses and execution status must be
captured at the rising E edge in the middle of the cycle. Data and
data-movement status must be captured at the falling edge of E at the end
of the cycle. These captures can then be organized into records with one
record per E clock cycle.
Implementation details depend on the type of MCU and the mode of
operation. For instance, the data bus can be eight bits or 16 bits wide, and
nonmultiplexed or multiplexed. In all cases, the externally reconstructed
queue must use 16-bit words. Demultiplexing and assembly of 8-bit data
into 16-bit words is done before program information enters the real queue,
so it must also be done for the external reconstruction.
An example:
Systems with an 8-bit data bus and a program stored in external memory
require two cycles for each program word fetch. MCU bus-control logic
freezes the CPU clocks long enough to do two 8-bit accesses rather than



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com