Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 332 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 332 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 328Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 329Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 330Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 331Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 332Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 333Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 334Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 335Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 336Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 332 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
332
Freescale Semiconductor
8.5.1.1 in_add, in_dat Registers
These registers contain the address and data from the previous external
bus cycle. Depending on how records are read and processed from the raw
capture information, it may be possible to simply read this information from
the raw capture data file when needed.
8.5.1.2 fetch_add, fetch_dat Registers
These registers buffer address and data for information that was fetched
before the queue was ready to advance.
8.5.1.3 st1_add, st1_dat Registers
These registers contain address and data for the first stage of the
reconstructed instruction queue.
8.5.1.4 st2_add, st2_dat Registers
These registers contain address and data for the final stage of the
reconstructed instruction queue. When the IPIPE1 and IPIPE0 signals
indicate that an instruction is starting to execute, the address and opcode
can be found in these registers.
8.5.2 Reconstruction Algorithm (for M68HC12)
This subsection describes in detail how to use IPIPE1 and IPIPE0 signals
and queue reconstruction registers to reconstruct the queue. An “is_full” flag
is used to indicate when the fetch_add and fetch_dat buffer registers
contain information. The use of the flag is explained more fully in
subsequent paragraphs.
Typically, the first few cycles of raw capture data are not useful because it
takes several cycles before an instruction propagates to the head of the
queue. During these first raw cycles, the only meaningful information
available are data movement signals. Information on the external address
and data buses during this setup time reflects the actions of instructions that
were fetched before data collection started.
In the special case of a reset, there is a 5-cycle sequence (VfPPP) during
which the reset vector is fetched and the instruction queue is filled, before
execution of the first instruction begins. Due to the timing of the switchover



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com