Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 333 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 333 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 329Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 330Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 331Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 332Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 333Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 334Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 335Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 336Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 337Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 333 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
Freescale Semiconductor
333
of the IPIPE1 and IPIPE0 pins from their alternate function as mode select
inputs, the status information on these two pins may be erroneous during
the first cycle or two after the release of reset. This is not a problem because
the status is correct in time for queue reconstruction logic to correctly
replicate the queue.
Before starting to reconstruct the queue, clear the is_full flag to indicate that
there is no meaningful information in the fetch_add and fetch_dat buffers.
Further movement of information in the instruction queue is based on the
decoded status on the IPIPE1 and IPIPE0 signals at the rising edges of E.
8.5.2.1 LAT Decoding
On a latch cycle (LAT), check the is_full flag. If and only if is_full = 0, transfer
the address and data from the previous bus cycle (in_add and in_dat) into
the fetch_add and fetch_dat registers, respectively. Then, set the is_full
flag. The usual reason for a latch request instead of an advance request is
that the previous instruction ended with a single aligned byte of program
information in the last stage of the instruction queue. Since the odd half of
this word still holds the opcode for the next instruction, the queue cannot
advance on this cycle. However, the cycle to fetch the next word of program
information has already started and the data is on its way.
8.5.2.2 ALD Decoding
On an advance-and-load-from-data-bus (ALD) cycle, the information in the
instruction queue must advance by one stage. Whatever was in stage 2 of
the queue is simply thrown away. The previous contents of stage 1 are
moved to stage 2, and the address and data from the previous cycle (in_add
and in_dat) are transferred into stage 1 of the instruction queue. Finally,
clear the is_full flag to indicate the buffer latch is ready for new data. Usually,
there would be no useful information in the fetch buffer when an ALD cycle
was encountered, but in the case of a change-of-flow, any data that was
there needs to be flushed out (by clearing the is_full flag).
8.5.2.3 ALL Decoding
On an advance-and-load-from-latch (ALL) cycle, the information in the
instruction queue must advance by one stage. Whatever was in stage 2 of
the queue is simply thrown away. The previous contents of stage 1 are
moved to stage 2, and the contents of the fetch buffer latch are transferred
into stage 1 of the instruction queue. One or more cycles preceding the ALL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com