Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 337 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 337 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 333Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 334Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 335Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 336Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 337Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 338Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 339Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 340Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 341Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 337 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
Freescale Semiconductor
337
9.1 Introduction
The instruction set of the central processor unit (CPU12) is the first
instruction set to specifically address the needs of fuzzy logic. This section
describes the use of fuzzy logic in control systems, discusses the CPU12
fuzzy logic instructions, and provides examples of fuzzy logic programs.
The CPU12 includes four instructions that perform specific fuzzy logic tasks.
In addition, several other instructions are especially useful in fuzzy logic
programs. The overall C-friendliness of the instruction set also aids
development of efficient fuzzy logic programs.
This section explains the basic fuzzy logic algorithm for which the four fuzzy
logic instructions are intended. Each of the fuzzy logic instructions are then
explained in detail. Finally, other custom fuzzy logic algorithms are
discussed, with emphasis on use of other CPU12 instructions.
The four fuzzy logic instructions are:
• MEM (determine grade of membership), which evaluates trapezoidal
membership functions
• REV (fuzzy logic rule evaluation) and REVW (fuzzy logic rule
evaluation weighted), which perform unweighted or weighted
MIN-MAX rule evaluation
• WAV (weighted average), which performs weighted average
defuzzification on singleton output membership functions.
Reference Manual — S12CPUV2
Section 9. Fuzzy Logic Support



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com