Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 341 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 341 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 337Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 338Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 339Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 340Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 341Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 342Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 343Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 344Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 345Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 341 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
Freescale Semiconductor
341
percent true ($40). The value $40 is stored to a random-access memory
(RAM) location and is called a fuzzy input (in this case, the fuzzy input for
“temperature is warm”). There is a RAM location for each fuzzy input (for
each label of each system input).
Figure 9-2. Fuzzification Using Membership Functions
When the fuzzification step begins, the current value of the system input is
in an accumulator of the CPU12, one index register points to the first
membership function definition in the knowledge base, and a second index
register points to the first fuzzy input in RAM. As each fuzzy input is
calculated by executing a MEM instruction, the result is stored to the fuzzy
input and both pointers are updated automatically to point to the locations
associated with the next fuzzy input. The MEM instruction takes care of
everything except counting the number of labels per system input and
loading the current value of any subsequent system inputs.
The end result of the fuzzification step is a table of fuzzy inputs representing
current system conditions.
$00
$80
$FF
0
°F32°F64°F96°F
128
°F
$40
$C0
HOT
$00
$80
$FF
0
°F32°F64°F96°F
128
°F
$40
$C0
WARM
$00
$80
$FF
0
°F32°F64°F96°F
128
°F
$40
$C0
COLD
CURRENT
IS 64
°F
TEMPERATURE
MEMBERSHIP FUNCTIONS
FOR TEMPERATURE
FUZZY INPUTS
TEMPERATURE IS HOT
TEMPERATURE IS WARM
TEMPERATURE IS COLD
$00
$40
$C0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com