Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 345 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 345 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 341Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 342Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 343Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 344Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 345Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 346Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 347Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 348Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 349Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 345 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
Freescale Semiconductor
345
9.3 Example Inference Kernel
Figure 9-3 is a complete fuzzy inference kernel written in CPU12 assembly
language. Numbers in square brackets are cycle counts for an HCS12
device. The kernel uses two system inputs with seven labels each and one
system output with seven labels. The program assembles to 57 bytes. It
executes in about 20
µs at an 25-MHz bus rate. The basic structure can
easily be extended to a general-purpose system with a larger number of
inputs and outputs.
Figure 9-3. Fuzzy Inference Engine
Lines 1 to 3 set up pointers and load the system input value into the A
accumulator.
Line 4 sets the loop count for the loop in lines 5 and 6.
Lines 5 and 6 make up the fuzzification loop for seven labels of one system
input. The MEM instruction finds the y-value on a trapezoidal membership
function for the current input value, for one label of the current input, and
then stores the result to the corresponding fuzzy input. Pointers in X and Y
*
01 [2]
FUZZIFY
LDX
#INPUT_MFS
;Point at MF definitions
02 [2]
LDY
#FUZ_INS
;Point at fuzzy input table
03 [3]
LDAA
CURRENT_INS
;Get first input value
04 [1]
LDAB
#7
;7 labels per input
05 [5]
GRAD_LOOP
MEM
;Evaluate one MF
06 [3]
DBNE
B,GRAD_LOOP
;For 7 labels of 1 input
07 [3]
LDAA
CURRENT_INS+1
;Get second input value
08 [1]
LDAB
#7
;7 labels per input
09 [5]
GRAD_LOOP1
MEM
;Evaluate one MF
10 [3]
DBNE
B,GRAD_LOOP1
;For 7 labels of 1 input
11 [1]
LDAB
#7
;Loop count
12 [2]
RULE_EVAL
CLR
1,Y+
;Clr a fuzzy out & inc ptr
13 [3]
DBNE
b,RULE_EVAL
;Loop to clr all fuzzy outs
14 [2]
LDX
#RULE_START
;Point at first rule element
15 [2]
LDY
#FUZ_INS
;Point at fuzzy ins and outs
16 [1]
LDAA
#$FF
;Init A (and clears V-bit)
17 [3n+4]
REV
;Process rule list
18 [2]
DEFUZ
LDY
#FUZ_OUT
;Point at fuzzy outputs
19 [2]
LDX
#SGLTN_POS
;Point at singleton positions
20 [1]
LDAB
#7
;7 fuzzy outs per COG output
21 [7b+4]
WAV
;Calculate sums for wtd av
22 [11]
EDIV
;Final divide for wtd av
23 [1]
TFR
Y,D
;Move result to A:B
24 [3]
STAB
COG_OUT
;Store system output
*
***** End



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com