Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 347 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 347 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 343Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 344Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 345Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 346Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 347Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 348Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 349Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 350Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 351Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 347 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
Freescale Semiconductor
347
Line 21 is the beginning of defuzzification. The WAV instruction calculates
a sum-of-products and a sum-of-weights.
Line 22 completes defuzzification. The EDIV instruction performs a 32-bit by
16-bit divide on the intermediate results from WAV to get the weighted
average.
Line 23 moves the EDIV result into the double accumulator.
Line 24 stores the low 8-bits of the defuzzification result.
This example inference program shows how easy it is to incorporate fuzzy
logic into general applications using the CPU12. Code space and execution
time are no longer serious factors in the decision to use fuzzy logic. The next
section begins a much more detailed look at the fuzzy logic instructions of
the CPU12.
9.4 MEM Instruction Details
This section provides a more detailed explanation of the membership
function evaluation instruction (MEM), including details about abnormal
special cases for improperly defined membership functions.
9.4.1 Membership Function Definitions
Figure 9-4 shows how a normal membership function is specified in the
CPU12. Typically, a software tool is used to input membership functions
graphically, and the tool generates data structures for the target processor
and software kernel. Alternatively, points and slopes for the membership
functions can be determined and stored in memory with define-constant
assembler directives.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com