Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 351 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 351 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 347Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 348Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 349Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 350Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 351Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 352Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 353Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 354Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 355Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 351 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
Freescale Semiconductor
351
The special cases shown here represent abnormal membership function
definitions. The explanations describe how the specific algorithm in the
CPU12 resolves these unusual cases. The results are not all intuitively
obvious, but rather fall out from the specific algorithm. Remember, these
cases should not occur in a normal system.
9.4.2.1 Abnormal Membership Function Case 1
This membership function is abnormal because the sloping sides cross
below the $FF cutoff level. The flag_d12n signal forces the membership
function to evaluate to $00 everywhere except from point_1 to point_2.
Within this interval, the tentative values for grade_1 and grade_2 calculated
in cycle 3 fall on the crossed sloping sides. In step 4a, grade gets set to the
grade_2 value, but in 4b this is overridden by the grade_1 value, which ends
up as the result of the MEM instruction. One way to say this is that the result
follows the left sloping side until the input passes point_2, where the result
goes to $00.
Figure 9-6. Abnormal Membership Function Case 1
If point_1 was to the right of point_2, flag_d12n would force the result to be
$00 for all input values. In fact, flag_d12n always limits the region of interest
to the space greater than or equal to point_1 and less than or equal to
point_2.
MEMORY DEFINITION: $60, $80, $04, $04; point_1, point_2, slope_1, slope_2
GRAPHICAL REPRESENTATION
HOW INTERPRETED
P1
P2
P1
P2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com