Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 335 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 335 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 331Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 332Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 333Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 334Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 335Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 336Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 337Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 338Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 339Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 335 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
Freescale Semiconductor
335
8.6 Instruction Tagging
The instruction queue and cycle-by-cycle CPU activity can be reconstructed
in real time or from trace history that was captured by a logic analyzer.
However, the reconstructed queue cannot be used to stop the CPU at a
specific instruction, because execution has already begun by the time an
operation is visible outside the MCU. A separate instruction tagging
mechanism is provided for this purpose.
Executing the BDM TAGGO command configures two MCU pins for
tagging. The TAGLO signal shares a pin with the LSTRB signal, and the
TAGHI signal shares the BKGD pin. Tagging information is latched on the
falling edge of ECLK, as shown in Figure 8-5.
Figure 8-5. Tag Input Timing
Table 8-2 shows the functions of the two independent tagging pins. The
presence of logic level 0 on either pin at the fall of ECLK tags (marks) the
associated byte of program information as it is read into the instruction
queue. Tagging is allowed in all modes. Tagging is disabled when BDM
becomes active.
Table 8-2. Tag Pin Function
TAGHI
TAGLO
Tag
1
1
No tag
1
0
Low byte
0
1
High byte
0
0
Both bytes
E CLOCK
LSTRB/TAGLO
BKGD/TAGHI
TAGS ARE APPLIED TO PROGRAM INFORMATION
CAPTURED ON THIS E CLOCK TRANSITION
LSTRB VALID
TAGLO
TAGHI
VALID
VALID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com