Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 356 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 356 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 352Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 353Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 354Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 355Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 356Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 357Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 358Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 359Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 360Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 356 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
356
Freescale Semiconductor
Figure 9-9. REV Instruction Flow Diagram
1.0 - O
READ PROGRAM WORD IF $18 MISALIGNED
2.0 - r
READ BYTE @ 0,X (RULE ELEMENT Rx)
X = X + 1 POINT AT NEXT RULE ELEMENT
START
END
4.0 - t
THEN READ BYTE @ Rx,Y (FUZZY IN OR OUT Fy)
5.2 - f
NO BUS ACCESS
ADJUST PC TO POINT AT CURRENT REV INSTRUCTION
IF Rx $FE OR $FF
NO
YES
5.0 - t
READ BYTE @ 0,X (RULE ELEMENT Rx)
Rx = $FF, OTHER?
$FF
OTHER
X = X + 1 POINT AT NEXT RULE ELEMENT
6.2 - f
NO BUS ACCESS
ADJUST X = X – 1
CONTINUE TO INTERRUPT STACKING
V-BIT
0 (MIN)
1 (MAX)
6.0 - x
NO BUS ACCESS
IF Rx $FE THEN A = MIN(A, Fy)
6.1 - x
IF Rx $FE OR $FF, AND ACCA > Fy
THEN WRITE BYTE @ Rx,Y
ELSE NO BUS ACCESS
Rx = $FF (END OF RULES)?
YES
NO
7.0 - O
READ PROGRAM WORD IF $3A MISALIGNED
3.0 - f
NO BUS ACCESS
IF Rx = $FE & V WAS 1, RESET ACCA TO $FF
IF Rx = $FE TOGGLE V-BIT
ELSE NO BUS ACCESS
ELSE A = A (NO CHANGE TO A)
UPDATE RX WITH VALUE READ IN CYC 2 OR 5
INTERRUPT PENDING?
UPDATE FY WITH VALUE READ IN CYC 4.0
UPDATE Fy WITH VALUE READ IN CYC 4.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com