Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 358 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 358 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 354Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 355Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 356Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 357Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 358Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 359Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 360Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 361Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 362Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 358 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
358
Freescale Semiconductor
from processing consequents of one rule to starting to process antecedents
of the next rule. At this transition, the A accumulator is initialized to $FF to
prepare for the min operation to find the smallest fuzzy input. Also, if Rx is
$FE, the V bit is toggled to indicate the change from antecedents to
consequents, or consequents to antecedents.
During cycle 5.0, a new rule byte is read unless this is the last loop pass,
and Rx is $FF (marking the end of the rule list). This new rule byte will not
be used until cycle 4.0 of the next pass through the loop.
Between cycle 5.0 and 6.x, the V-bit is used to decide which of two paths to
take. If V is zero, antecedents are being processed and the CPU progresses
to cycle 6.0. If V is one, consequents are being processed and the CPU
goes to cycle 6.1.
During cycle 6.0, the current value in the A accumulator is compared to the
fuzzy input that was read in the previous cycle 4.0, and the lower value is
placed in the A accumulator (min operation). If Rx is $FE, this is the
transition between rule antecedents and rule consequents, and this min
operation is skipped (although the cycle is still used). No bus access takes
place during cycle 6.0 but cycle 6.x is considered an x type cycle because it
could be a byte write (cycle 6.1) or a free cycle (cycle 6.0 or 6.1 with Rx =
$FE or $FF).
If an interrupt arrives while the REV instruction is executing, REV can break
between cycles 4.0 and 5.0 in an orderly fashion so that the rule evaluation
operation can resume after the interrupt has been serviced. Cycles 5.2 and
6.2 are needed to adjust the PC and X index register so the REV operation
can recover after the interrupt. PC is adjusted backward in cycle 5.2 so it
points to the currently running REV instruction. After the interrupt, rule
evaluation will resume, but the values that were stored on the stack for index
registers, accumulator A, and CCR will cause the operation to pick up where
it left off. In cycle 6.2, the X index register is adjusted backward by one
because the last rule byte needs to be re-fetched when the REV instruction
resumes.
After cycle 6.2, the REV instruction is finished, and execution would
continue to the normal interrupt processing flow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com