Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 362 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 362 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 358Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 359Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 360Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 361Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 362Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 363Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 364Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 365Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 366Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 362 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
362
Freescale Semiconductor
Figure 9-10. REVW Instruction Flow Diagram
1.0 - O
READ PROGRAM WORD IF $18 MISALIGNED
2.0 - R
READ WORD @ 0,X (RULE ELEMENT Rx)
X = X + 2 POINT AT NEXT RULE ELEMENT
START
END
6.3 - f
NO BUS ACCESS
ADJUST X = X – 2 POINTER TO RULE LIST
INTERRUPT PENDING?
NO
YES
5.0 - T
7.3 - f
NO BUS ACCESS
IF (Rx = $FFFE OR $FFFE) AND V = 0
CONTINUE TO INTERRUPT STACKING
6.0 - x
NO BUS ACCESS
A = MIN(A, FRx)
Rx = $FFFF (END OF RULES)?
YES
NO
7.0 - O
READ PROGRAM WORD IF $3B MISALIGNED
3.0 - f
NO BUS ACCESS
TMP2 = Y – 1 (WEIGHT POINTER KEPT IN TMP2)
5.3 - f
ADJUST PC TO POINT AT CURRENT REVW INSTRUCTION
IF Rx $FFFF
X0 = X, X = X0 + 2
MIN/MAX/MUL?
MAX
MUL
MIN
V = 1 &
V=C=1 and
Rx=$FFFE
OR DEFAULT
7.2 - R
READ RULE WORD @,X0
CONTINUE MULTIPLY
8.2 - f
NO BUS ACCESS
FINISH MULTIPLY
6.2 - f
NO BUS ACCESS
BEGIN MULTIPLY OF (wt + 1) * A fi A : B
RX $FFFE or $FFFF
6.1 - x
IF A > FRx WRITE A TO Rx
ELSE NO BUS ACCESS
ADJUST PC TO POINT AT NEXT INSTRUCTION
IF C = 1 (WEIGHTS ENABLED), Y = TMP2 + 1
THEN READ RULE WORD @,X0
8.3 - f
NO BUS ACCESS
Y = TMP2 + 1
NO BUS ACCESS
4.0 - t
IF Rx = $FFFE
ELSE NO BUS ACCESS
IF Rx = $FFFF
IF Rx = OTHER
THEN READ BYTE @,Rx FUZZY IN/OUT FRx
THEN NO BUS ACCESS
IF V = 0, THEN TMP2 = TMP2 + 1
THEN READ RULE WEIGHT @,TMP2
TOGGLE V BIT; IF V NOW 0, A = $FF
IF V = 0 AND C = 1,
UPDATE Rx WITH VALUE READ IN CYC 2 OR 5
THEN TMP2 = TMP2 – 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com