Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 366 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 366 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 362Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 363Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 364Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 365Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 366Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 367Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 368Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 369Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 370Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 366 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
366
Freescale Semiconductor
prebyte is treated as a special 1-byte instruction. In cycle 1.0 of the WAV
instruction, one word of program information will be fetched into the
instruction queue if the $18 is located at an odd address. If the $18 is at an
even address, the instruction queue cannot advance so there is no bus
access in this cycle.
Figure 9-11. WAV and wavr Instruction Flow Diagram (for HCS12)
1.0 - O
READ PROGRAM WORD IF $18 MISALIGNED
1.1 - U
READ WORD @ 0,SP (UNSTACK TMP1)
SP = SP + 2
WAV
END
10.0 - O
READ PROGRAM WORD IF $3C MISALIGNED
ADJUST PC TO POINT AT NEXT INSTRUCTION
Y : D = TMP1 : TMP2; X = TMP3
2.1 - U
READ WORD @ 0,SP (UNSTACK TMP2)
SP = SP + 2
3.1 - U
READ WORD @ 0,SP (UNSTACK TMP3)
SP = SP + 2
4.1 - r
READ BYTE @ –1,Y (FUZZY OUTPUT Fi)
5.1 - r
READ BYTE @ –1,X (SINGLETON Si)
6.1 - S
WRITE WORD @ –2,SP (STACK TMP3)
SP = SP – 2
7.1 - S
WRITE WORD @ –2,SP (STACK TMP2)
SP = SP – 2
8.1 - S
WRITE WORD @ –2,SP (STACK TMP1)
SP = SP – 2
wavr
2.0 - f
NO BUS ACCESS
3.0 - f
NO BUS ACCESS
4.0 - f
CONTINUE TO INTERRUPT STACKING
B = 0?
NO
YES
5.0 - r
Y = Y + 1 point at next fuzzy output
READ BYTE @ 0,X (SINGLETON Si)
X = X + 1 POINT AT NEXT SINGLETON
6.0 - f
NO BUS ACCESS
TMP3 = TMP3 + Fi
7.0 - f
NO BUS ACCESS
START MULTIPLY, PPROD = Si*Fi
8.0 - f
NO BUS ACCESS
FINISH MULTIPLY, TMP2 = TMP2 + PPROD
9.0 - f
NO BUS ACCESS
INTERRUPT PENDING?
NO
YES
ADJUST PC TO POINT AT $3C wavr PSEUDO-OPCODE
TMP1 = TMP2 = TMP3 = $0000
B = B – 1 DECREMENT ITERATION COUNTER
READ BYTE @ 0,Y (FUZZY OUTPUT Fi)
TMP1 = TMP1 + (CARRY FROM PPROD ADD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com