Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 139 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 139 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 135Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 136Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 137Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 138Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 139Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 140Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 141Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 142Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 143Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
Freescale Semiconductor
139
Operation:
If (M)
• (Mask) = 0, then branch
Description:
Performs a bitwise logical AND of the inverse of memory location M and the
mask supplied with the instruction, then branches if and only if all bits with
a value of 1 in the mask byte correspond to bits with a value of one in the
tested byte. Mask operands can be located at PC
+ 1, PC + 2, or PC + 4,
depending on addressing mode. The branch offset is referenced to the next
address after the relative offset (rr) which is the last byte of the instruction
object code.
See 3.8 Relative Addressing Mode for details of branch execution.
BRSET
Branch if Bits Set
BRSET
CCR Details:
S
X
HIN
Z
V
C
––––––––
Source Form
Address
Mode(1)
Object Code
Access Detail
HCS12
M68HC12
BRSET opr8a, msk8, rel8
BRSET opr16a, msk8, rel8
BRSET oprx0_xysp, msk8, rel8
BRSET oprx9,xysp, msk8, rel8
BRSET oprx16,xysp, msk8, rel8
DIR
EXT
IDX
IDX1
IDX2
4E dd mm rr
1E hh ll mm rr
0E xb mm rr
0E xb ff mm rr
0E xb ee ff mm rr
rPPP
rfPPP
rPPP
rfPPP
PrfPPP
rPPP
rfPPP
rPPP
rffPPP
frPffPPP
1. Indirect forms of indexed addressing cannot be used with this instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com