Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 141 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 141 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 137Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 138Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 139Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 140Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 141Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 142Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 143Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 144Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 145Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
Freescale Semiconductor
141
Operation:
(SP) – $0002
⇒ SP
RTNH : RTNL ⇒ M(SP) : M(SP+1)
(PC) + Rel
⇒ PC
Description:
Sets up conditions to return to normal program flow, then transfers control
to a subroutine. Uses the address of the instruction after the BSR as a return
address.
Decrements the SP by two, to allow the two bytes of the return address to
be stacked.
Stacks the return address (the SP points to the high-order byte of the return
address).
Branches to a location determined by the branch offset.
Subroutines are normally terminated with an RTS instruction, which
restores the return address from the stack.
BSR
Branch to Subroutine
BSR
CCR Details:
S
X
HIN
Z
V
C
––––––––
Source Form
Address
Mode
Object Code
Access Detail
HCS12
M68HC12
BSR rel8
REL
07 rr
SPPP
PPPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com