Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 171 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 171 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 167Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 168Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 169Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 170Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 171Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 172Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 173Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 174Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 175Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 452 page
background image
Glossary
S12CPUV2 Reference Manual, Rev. 4.0
Freescale Semiconductor
171
Operation:
(Y : D)
÷ (X) ⇒ Y; Remainder ⇒ D
Description:
Divides a signed 32-bit dividend by a 16-bit signed divisor, producing a
signed 16-bit quotient and a signed 16-bit remainder. All operands and
results are located in CPU registers. If an attempt to divide by zero is made,
C is set and the states of the N, Z, and V bits in the CCR are undefined. In
case of an overflow or a divide by zero, the contents of the registers D and
Y do not change.
EDIVS
Extended Divide 32-Bit by 16-Bit
(Signed)
EDIVS
CCR Details:
S
X
HIN
Z
V
C
––––
∆∆∆∆
N: Set if MSB of result is set; cleared otherwise
Undefined after overflow or division by zero
Z: Set if result is $0000; cleared otherwise
Undefined after overflow or division by zero
V: Set if the result was > $7FFF or < $8000; cleared otherwise
Undefined after division by zero
C: Set if divisor was $0000; cleared otherwise
Indicates division by zero
Source Form
Address
Mode
Object Code
Access Detail
HCS12
M68HC12
EDIVS
INH
18 14
OffffffffffO
OffffffffffO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com